Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCT4052ADG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HCT4052ADG
Description  Analog Multiplexers / Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4052ADG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HCT4052ADG Datasheet HTML 1Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 2Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 3Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 4Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 5Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 6Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 7Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 8Page - ON Semiconductor MC74HCT4052ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
5
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
−55 to 25°C
≤85°C
≤125°C
tPLH,
tPHL
Maximum Propagation Delay, Channel−Select to Analog Output
(Figure 15)
2.0
3.0
4.5
6.0
270
90
59
45
320
110
79
65
350
125
85
75
ns
tPLH,
tPHL
Maximum Propagation Delay, Analog Input to Analog Output
(Figure 16)
2.0
3.0
4.5
6.0
40
25
12
10
60
30
15
13
70
32
18
15
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Enable to Analog Output
(Figure 17)
2.0
3.0
4.5
6.0
160
70
48
39
200
95
63
55
220
110
76
63
ns
tPZL,
tPZH
Maximum Propagation Delay, Enable to Analog Output
(Figure 17)
2.0
3.0
4.5
6.0
245
115
49
39
315
145
69
58
345
155
83
67
ns
Cin
Maximum Input Capacitance, Channel−Select or Enable Inputs
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
35
35
35
pF
(All Switches Off)
Common O/I: HCT4051A
HCT4052A
HCT4053A
130
80
50
130
80
50
130
80
50
Feed−through
1.0
1.0
1.0
CPD
Power Dissipation Capacitance (Figure 19)*
HCT4051A
HCT4052A
HCT4053A
Typical @ 25°C, VCC = 5.0 V, VEE = 0 V
pF
45
80
45
*Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Similar Part No. - MC74HCT4052ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4052ADG ONSEMI-MC74HCT4052ADG Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Similar Description - MC74HCT4052ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com