Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS7808-CM Datasheet(PDF) 46 Page - Cirrus Logic

Part No. CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 42Page - Cirrus Logic CS7808-CM Datasheet HTML 43Page - Cirrus Logic CS7808-CM Datasheet HTML 44Page - Cirrus Logic CS7808-CM Datasheet HTML 45Page - Cirrus Logic CS7808-CM Datasheet HTML 46Page - Cirrus Logic CS7808-CM Datasheet HTML 47Page - Cirrus Logic CS7808-CM Datasheet HTML 48Page - Cirrus Logic CS7808-CM Datasheet HTML 49Page - Cirrus Logic CS7808-CM Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
CS7808
46
6.8
AC97/CODEC Interface
This serial interface could be used either as a second PCM CODEC interface or as an AC97 serial link to
an AC97 compliant CODEC. This interface could control a modem, or a second set of audio channels.
Table 23 describes the pin to signal assignments for the AC97/CODEC Interface.
Pin
Signal Name
Type
Description
142
CDC_DI
I
Serial Data Input from Modem CODEC
144
CDC_DO
O
Serial Data Output to Modem CODEC
146
CDC_RST
O
Reset Output to Modem CODEC
147
CDC_CK
I
Serial Bit Clock input from Modem CODEC
148
CDC_SY
B
Frame Sync, output when CS7808 is master, input when
CODEC is master.
Table 23. AC97/CODEC Interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn