Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS7808-CM Datasheet(PDF) 42 Page - Cirrus Logic

Part No. CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 38Page - Cirrus Logic CS7808-CM Datasheet HTML 39Page - Cirrus Logic CS7808-CM Datasheet HTML 40Page - Cirrus Logic CS7808-CM Datasheet HTML 41Page - Cirrus Logic CS7808-CM Datasheet HTML 42Page - Cirrus Logic CS7808-CM Datasheet HTML 43Page - Cirrus Logic CS7808-CM Datasheet HTML 44Page - Cirrus Logic CS7808-CM Datasheet HTML 45Page - Cirrus Logic CS7808-CM Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
CS7808
42
6.4
ROM/NVRAM Interface
This is the interface to the non-volatile memory that contains the firmware. See Table 19. It could be either
ROM, NVRAM – FLASH, or EEPROM, or any combination of these types of memory. This interface can
also connect to SRAM that would emulate a ROM on a development system. The bus width is 8 or 16 bits.
Except for the NVM_WE_N and NVM_OE_N pins, all these pins are shared with the DRAM interface,
which operates simultaneously with the ROM/NVRAM interface.
Pin
Signal Name
Type
Description
60, 56, 54, 49,
46, 44, 40, 33,
37, 42, 45, 48,
51, 55, 59. 62
M_D[15..0]
B
Memory Data Bus. Use M_D[7:0] for 8-bit interface
2, 3, 5, 6, 7, 9,
10, 11, 13, 14,
15, 16
M_A[11..0]
O
Memory Address Bus[11..0]
74, 71, 68, 64,
67, 70, 72, 75,
78, 80, 86, 88
M_D[27..16]
O
Memory Address Bus[23..12]
For
16-bit data mode, M_D[26:16] is upper word address.
For 8-bit data mode, M_D[27:16] is upper byte address.
83
M_D[30]
O
Address decode low. Copy of address MSB.
87
M_D[31]
O
Address decode high. Compliment of address MSB.
60
NVM_WE_N
O
NVRAM Write Enable.
62
NVM_OE_N
O
ROM/NVRAM Output Enable.
Table 19. ROM/NVRAM Interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn