![]() |
Electronic Components Datasheet Search |
|
CS7808-CM Datasheet(PDF) 30 Page - Cirrus Logic |
|
CS7808-CM Datasheet(HTML) 30 Page - Cirrus Logic |
30 / 52 page ![]() CS7808 30 A18 R/W Picture-in-Picture PIP_Vscale A1C R/W Picture-in-Picture PIP_Line_Offnum_Bot A20 R/W Picture-in-Picture PIP_FrBaseY A24 R/W Picture-in-Picture PIP_FrBaseU A28 R/W Picture-in-Picture PIP_FrBaseV A2C R/W Picture-in-Picture PIP_Line_Width A30 R/W Picture-in-Picture PIP_ Line_Offnum_Top A34 R/W Picture-in-Picture PIP_Frame_Size B00 R/W Video Processor Video_Processor_Control B04 R/W Video Processor Video_DRAM_Line_Length B08 R/W Video Processor Display_ActiveX B0C R/W Video Processor Display_ActiveY B10 R/W Video Processor Blank_Color B14 R/W Video Processor Internal_Hsync_Count B18 R/W Video Processor Internal_Vsync_Count B1C R/W Video Processor Horizontal_Y_Offset B20 R/W Video Processor Horizontal_UV_Offset B24 R/W Video Processor Vertical_Offset B28 R/W Video Processor Video_Line_Size B2C R/W Video Processor Frame_Buffer_Base B30 R/W Video Processor Video_Line_Mode_Buffer B34 R/W Video Processor Horizontal_Vertical_Filter B38 R/W Video Processor Source_X_Offset B3C R/W Video Processor Horizontal_Video_Scaling B40 R/W Video Processor Frame_V_Buffer_Compressed_Offset B44 WO Video Processor Mb_Width B48 WO Video Processor Anti-Flicker B4C WO Video Processor Anti-Flicker B50 WO Video Processor Anti-Flicker B54 WO Video Processor Anti-Flicker B58 WO Video Processor Anti-Flicker B5c WO Video Processor Gamma Control B60 WO Video Processor Gamma Control B64 WO Video Processor Gamma Control B68 WO Video Processor Gamma Control B6C WO Video Processor Gamma Control B70 WO Video Processor Gamma Control B74 WO Video Processor Gamma Control B78 WO Video Processor Gamma Control B7C R/W Video Processor Vid_Sync Adjust Address Type Function Register Name Table 14. CS7808 Registers (Continued) |