Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS7808-CM Datasheet(PDF) 27 Page - Cirrus Logic

Part No. CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7808-CM Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS7808-CM Datasheet HTML 23Page - Cirrus Logic CS7808-CM Datasheet HTML 24Page - Cirrus Logic CS7808-CM Datasheet HTML 25Page - Cirrus Logic CS7808-CM Datasheet HTML 26Page - Cirrus Logic CS7808-CM Datasheet HTML 27Page - Cirrus Logic CS7808-CM Datasheet HTML 28Page - Cirrus Logic CS7808-CM Datasheet HTML 29Page - Cirrus Logic CS7808-CM Datasheet HTML 30Page - Cirrus Logic CS7808-CM Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
27
CS7808
114
RO
Host
Read_Data_Port
120
R/W
Host
Host_Start_Address
124
R/W
Host
DRAM Start Address
128
R/W
Host
Stream_Transfer_Size
12C
R/W
Host
DRAM_Burst_Threshold
13C
R/W
Host
Host_Master_Control
200
R/W
DRAM controller
DRAM_Controller_Priority0
204
R/W
DRAM controller
DRAM_Controller_Priority1
208
R/W
DRAM controller
DRAM_Controller_Priority2
20C
R/W
DRAM controller
DRAM_Controller_Priority3
210
R/W
DRAM controller
DRAM_Controller_Priority4
214
R/W
DRAM controller
DRAM_Controller_Setup
218
R/W
DRAM controller
DRAM_Command
21C
R/W
DRAM controller
DRAM_Controller_Mb_Width
220
R/W
DRAM controller
DRAM_Controller_Debug_Control
224
RO
DRAM controller
DRAM_Debug_Status
300
WO
DMA
DMA_Enable
304
R/W
DMA
DMA_Control
308
RO
DMA
DMA_Status
30C
R/W
DMA
Xfer_Byte_Cnt
310
R/W
DMA
Dram_Byte_Start_Addr
314
R/W
DMA
Sram_Byte_Start_Addr
318
R/W
DMA
Fifo_Start_Rd_Addr
31C
R/W
DMA
Fifo_Start_Wr_Addr
328
R/W
DMA
Search_Control
32C
RO
DMA
Search_Status
330
R/W
DMA
Fifo_End_Rd_Addr
334
R/W
DMA
Fifo_End_Wr_Addr
338
R/W
DMA
Lines_and_Skip
33C
R/W
DMA
Byte_Mask_Pattern
540
R/W
SER/DCI
Serial_Frame_Sync_Control
544
R/W
SER/DCI
Serial_Output_Input_Control
548
R/W
SER/DCI
AC97_Codec_Control
54C
R/W
SER/DCI
AC97_Codec_Command
550
R/W
SER/DCI
Serial_Output_Fifo_Start_Address
554
R/W
SER/DCI
Serial_Output_Fifo_End_Address
558
R/W
SER/DCI
Serial_Input_Fifo_Start_Address
55C
R/W
SER/DCI
Serial_Input_Fifo_End_Address
560
RO
SER/DCI
Serial_Output_Fifo_Read_Address
564
RO
SER/DCI
Serial_Input_Fifo_Write_Address
Address
Type
Function
Register Name
Table 14. CS7808 Registers (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn