Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CS7808-CM Datasheet(PDF) 24 Page - Cirrus Logic

Part No. CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

CS7808-CM Datasheet(HTML) 24 Page - Cirrus Logic

Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
CS7808
24
5. REGISTER DESCRIPTION
5.1
CS7808 Register Space
Table 13 lists the register groups, and how they are split among the main CS7808 functional blocks.
Table 14 lists all the registers for the CS7808 and their addresses, and indicates whether the registers are
read/write (R/W), read only (RO), or write only (WO).
CS7808 Register
Block
000xx, 010xx
General
001xx
Host
002xx
DRC
003xx
DMA
005xx
Serial Interface
006xx
DSP
007xx
Synchronization Control
008xx
MPEG Video Decoder
009xx
Video Input Scaler
00Axx
Picture-in-picture
00Bxx
Video Processor
00Cxx
Subpicture Display
00Dxx
On-screen Display
00Exx
PCM In/Out
02xxxx
RISC_0
03xxxx
RISC_1
Table 13. CS7808 Register Map and Blocks
Address
Type
Function
Register Name
000
R/W
General
Command
010
R/W
General
InterProc_Comm_Register_0
014
R/W
General
InterProc_Comm_Register_1
018
R/W
General
InterProc_Comm_Register_2
10C
R/W
General
InterProc_Comm_Register_3
020
R/W
General
Semaphore_Register_0
024
R/W
General
Semaphore_Register_1
028
R/W
General
Semaphore_Register_2
02C
R/W
General
Semaphore_Register_3
030
R/W
General
Semaphore_Register_4
034
R/W
General
Semaphore_Register_5
038
R/W
General
Semaphore_Register_6
Table 14. CS7808 Registers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn