Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CS7808-CM Datasheet(PDF) 6 Page - Cirrus Logic

Part No. CS7808-CM
Description  MULTI PURPOSE AUDIO/VIDEO EMBEDDED PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

CS7808-CM Datasheet(HTML) 6 Page - Cirrus Logic

Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
CS7808
6
1.1.3
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current, IO
IDD
Normal Operating
-
45
-
mA
Supply Current, core and PLL
IDD
Normal Operating
-
550
-
mA
Input Voltage, High
VIH
2.0
-
5.0
Volts
Input Voltage, Low
VIL
-
-
0.8
Volts
Input Current
IIN
VIN =VDD or VSS
-1
-
+1
µA
Input Pull up/down resistor
RI
-75
-
K
Output Voltage, High
VOH
@ buffer rating
2.4
-
-
Volts
Output Voltage, Low
VOL
@ buffer rating
-
-
0.4
Volts
High-Z Leakage
IOZ
VOUT =VSS or VDD
-10
-
+10
µA
Input Capacitance
CIN
-3
-
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn