Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53S38R-MSON3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53S38R-MSON3
Description  Calibration Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53S38R-MSON3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53S38R-MSON3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S38R-MSON3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S38R-MSON3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
N 50
Calibration Kit
Plug
53S38R-MSON3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Frequency range
DC to 8 GHz
Open
Error from nominal phase
1
≤ 3.0°, DC to 6 GHz
≤ 5.0°, 6 GHz to 8 GHz
Short
Error from nominal phase
2
≤ 2.0°, DC to 6 GHz
≤ 4.0°, 6 GHz to 8 GHz
Load
Return loss
≥ 42 dB, DC to 2.5 GHz
≥ 38 dB, 2.5 GHz to 6 GHz
≥ 35 dB, 6 GHz to 8 GHz
DC Resistance
50
Ω ± 0.5 Ω
Power handling
≤ 1.0 W
1
The nominal phase is defined by the Offset Delay, the Offset Loss and the Fringing Capacitances
2
The nominal phase is defined by the Offset Delay, the Offset Loss and the Short Inductance
Mechanical data
Mating cycles
≥ 500
Maximum torque
1.70 Nm
Recommended torque
1.10 Nm
Gauge
5.28 mm to 5.84 mm
General standard definitions
For proper operation the vector network analyzer (VNA) needs a model describing the electrical behaviour
of this calibration standard. The different models, units, and terms used will depend on the VNA type and they
will have to be entered into the VNA. All values are based on typical geometry and plating.
Open
Offset Zo / Impedance / Zo
50
Offset Delay
67.78 ps
Length (electrical) / Offset Length
20.32 mm
Offset Loss
0.80 G
Ω/s
Loss
0.0094 dB/ GHz
Fringing Capacitances
C0 = -11.4000 x 10
-15 F
/
-11.4000 fF
C1 =
9000.00 x 10
-27 F/Hz /
9.00000 fF /GHz
C2 = -1180.00 x 10
-36 F/Hz2 /
-1.18000 fF /GHz
2
C3 =
20.0000 x 10
-45 F/Hz3 /
0.02000 fF /GHz
3


Similar Part No. - 53S38R-MSON3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53S301-K00N5 ROSENBERGER-53S301-K00N5 Datasheet
45Kb / 2P
   ADAPTOR
More results

Similar Description - 53S38R-MSON3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
60K36R-MSON3 ROSENBERGER-60K36R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60CK001-150 ROSENBERGER-60CK001-150 Datasheet
609Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com