Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH7002D-V Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CH7002D-V
Description  Scalable VGA to NTSC/PAL Encoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH7002D-V Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CH7002D-V Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 9Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 10Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 11Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 12Page - List of Unclassifed Manufacturers CH7002D-V Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CHRONTEL
CH7002D
9
*Patent number 5,874,846
201-0000-029 Rev6.1, 8/2/99
Operating Modes (Continued)
Overscan/Underscan
The inclusion of both overscan and underscan forms of output display have been created to enable optimal use of the
CH7002 for different application needs. In general, underscan provides an image that is entirely viewable on screen.
It should be used as the default for most applications (e.g. viewing text screens, operating games, running
productivity applications, working within Windows). Overscan provides an image that bleeds past the edges of the
TV screen, exactly like normal television programs and movies appear on TV. It is only recommended for viewing
movies or video clips coming from the computer.
Anti-Flicker Filter
The CH7002 integrates a 3-line vertical filter circuit to help eliminate the flicker associated with interlaced displays.
When operating in underscan mode, this flicker circuit provides a adaptive filter algorithm for implementing flicker
reduction based on an approximate 1:2:1 weighting sequence. When operating in overscan mode, it provides four
anti-flicker filter modes as shown in Table 3. These modes are fully selectable, via I2C, and a subset is selectable
(either 0:1:0 filtering or 1:2:1 filtering) when using direct pin programming mode.
Table 2. CH7002 Operating Modes
Name
PAL OUT
800x600 IN
PAL OUT
640x480 IN
Underscan
NTSC
640x480 IN
Overscan
NTSC OUT
640x480 IN
Underscan
PAL OUT
640x480 IN
Overscan
PAL OUT
800x600 IN
Overscan
NTSC OUT
800x600 IN
Underscan
Mode
0
1
2
3
4
5
6
Pixel
Clock
35.400
25.000
25.175
28.196
25.000
29.500
43.636
Scale
Factor
5/6
1/1
1/1
7/8
1/1
1/1
3/4
Total VGA
Lines
750
625
525
600
625
625
700
Active
VGA Lines
600
480
480
480
480
600
600
Fvert VGA
(Hz)
50.0
50.00
59.94
59.94
50.00
50.00
59.94
Fhor VGA
(KHz)
37.5
31.250
31.469
35.964
31.250
31.250
41.958
Total TV
Lines
625
625
525
525
625
625
525
Active TV
Lines
500
480
480
420
480
600
450
Fvert TV
(Hz)
50.00
50.00
59.94
59.94
50.00
50.00
59.94
Fhor TV
(Hz)
15625.0
15625.0
15734.3
15734.3
15625.0
15625.0
15734.3
Table 3. Anti-Flicker Filter Modes
FF0
FF1
Filter Modes
0
0
0:1:0 averaging (no filtering)
0
1
1:3:1 averaging
1
0
1:2:1 averaging
1
1
1:1:1 averaging


Similar Part No. - CH7002D-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7001C-V ETC-CH7001C-V Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
CH7003B-T ETC1-CH7003B-T Datasheet
334Kb / 50P
   Digital PC to TV Encoder
CH7003B-V ETC1-CH7003B-V Datasheet
334Kb / 50P
   Digital PC to TV Encoder
More results

Similar Description - CH7002D-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
   NTSC/PAL Encoder
logo
Analog Devices
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com