Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU8713V-TE1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU8713V-TE1
Description  2V Operation Switching Driver for Class D Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8713V-TE1 Datasheet(HTML) 2 Page - New Japan Radio

  NJU8713V-TE1 Datasheet HTML 1Page - New Japan Radio NJU8713V-TE1 Datasheet HTML 2Page - New Japan Radio NJU8713V-TE1 Datasheet HTML 3Page - New Japan Radio NJU8713V-TE1 Datasheet HTML 4Page - New Japan Radio NJU8713V-TE1 Datasheet HTML 5Page - New Japan Radio NJU8713V-TE1 Datasheet HTML 6Page - New Japan Radio NJU8713V-TE1 Datasheet HTML 7Page - New Japan Radio NJU8713V-TE1 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJU8713
- 2 -
Ver.2004-06-02
TERMINAL DESCRIPTION
No.
SYMBOL
I/O
Function
13
VDD
-
Operation Power Supply, VDD=2V
2
VSS
-
Operation Power GND, VSS=0V
7
8
VDDO
-
Driving Power Supply, VDDO=2V
Terminal No.7 and No.8 should be connected to the same electric
potential.
5
10
VSSO
-
Driving Power GND, VSSO=0V
Terminal No.5 and No.10 should be connected to the same electric
potential.
1
MCK
I
Master Clock Input Terminal
The condition of the data input terminal is fetched with the rising
edge of this signal.
4
11
EN1
EN2
I
Output Control Terminal
Output circuit is selected by the condition of this terminal.
3
12
IN1
IN2
I
Audio Signal Input Terminal
1-bit Audio Signal inputs into this terminal.
14
BEEP
I
Beep Signal Input Terminal
Beep signal inputs into this terminal.
6
9
OUT1
OUT2
O
Output Terminal
When Output Terminal selects Audio Signal, IN1 terminal input data
outputs from OUT1 terminal and IN2 terminal input data outputs from
OUT2 terminal.
When Output Terminal selects Beep Signal, BEEP terminal input
data outputs from OUT1 and OUT2 terminals.
INPUT TERMINAL STRUCTURE
VDD
VSS
Input Terminal
Inside Circuit


Similar Part No. - NJU8713V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8713V NJRC-NJU8713V Datasheet
100Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
More results

Similar Description - NJU8713V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8713 NJRC-NJU8713 Datasheet
100Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
NJU8710 NJRC-NJU8710 Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8711 NJRC-NJU8711 Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8714 NJRC-NJU8714 Datasheet
109Kb / 7P
   STEREO BTL OUTPUTS SWITCHING DRIVER FOR Class D AMPLIFIER
NJU8719 NJRC-NJU8719 Datasheet
79Kb / 6P
   Monaural BTL Output Switching Driver for Class D Amplifier
NJU8789 NJRC-NJU8789 Datasheet
198Kb / 6P
   Monaural BTL Output Clock-less Switching Driver for Class D Amplifier
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
   Single Supply Operation: 2V to 36V
logo
NXP Semiconductors
NE58633 NXP-NE58633 Datasheet
259Kb / 27P
   Noise reduction class-D headphone driver amplifier
Rev. 02-25 May 2009
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
NXP Semiconductors
NE58633 PHILIPS-NE58633 Datasheet
230Kb / 25P
   Noise reduction class-D headphone driver amplifier
Rev. 01-22 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com