Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBS3MM40A Datasheet(PDF) 3 Page - Rohm

Part # RBS3MM40A
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBS3MM40A Datasheet(HTML) 3 Page - Rohm

  RBS3MM40A Datasheet HTML 1Page - Rohm RBS3MM40A Datasheet HTML 2Page - Rohm RBS3MM40A Datasheet HTML 3Page - Rohm RBS3MM40A Datasheet HTML 4Page - Rohm RBS3MM40A Datasheet HTML 5Page - Rohm RBS3MM40A Datasheet HTML 6Page - Rohm RBS3MM40A Datasheet HTML 7Page - Rohm RBS3MM40A Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RBS3MM40A
lElectrical Characteristic Curves
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
25
50
75
100
125
D = 1/2
DC
Sin(
θ=180)
10
100
1000
0
5
10
15
20
25
30
T
j = 25°C
f = 1MHz
10
100
1000
1
10
100
10
100
1000
1
10
100
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
CASE TEMPERATURE : T
c (°C)
DERATING CURVE (I
o-Tc)
T
j=125°C
D=t/T
V
R=10V
T
t
0A
0V
IO
VR
Glass epoxy board mounted
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
TIME : t (ms)
I
FSM-t CHARACTERISTICS
I
FSM
time
T
a=25°C
1cyc
8.3
IFSM
1cyc
ms
8.3
ms
T
a=25°C
3/4
2016.05 - Rev.B


Similar Part No. - RBS3MM40A

ManufacturerPart #DatasheetDescription
logo
Rohm
RBS3MM40B ROHM-RBS3MM40B Datasheet
724Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RBS3MM40A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com