Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1206JKF7T0R1L Datasheet(PDF) 10 Page - YAGEO Corporation

Part # PE1206JKF7T0R1L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE1206JKF7T0R1L Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button PE1206JKF7T0R1L Datasheet HTML 4Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 5Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 6Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 7Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 8Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 9Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 10Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 11Page - YAGEO Corporation PE1206JKF7T0R1L Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
10
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Life/
Operational Life/
Endurance
MIL-STD-202G-method 108
IEC 60115-1 4.25.1
1,000 hours at 70± 2 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
± (1%+0.0005 Ω)
High
Temperature
Exposure/
Endurance at
Upper Category
Temperature
MIL-STD-202G-method 108
IEC 60115-1 4.25.3
1,000 hours at maximum operating temperature
depending on specification, unpowered
No direct impingement of forced air to the parts
Tolerances:
0201/0402 155± 3℃
0603 and above 170± 3℃
± (1%+0.0005 Ω)
Moisture
Resistance
MIL-STD-202G-method 106
Each temperature / humidity cycle is defined at 8
hours (method 106F), 3 cycles / 24 hours for 10d
with 25 °C / 65 °C 95% R.H, without steps 7a &
7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24± 2 hours after
test conclusion
± (0.5%+0.0005 Ω)
Thermal Shock
MIL-STD-202G-method 107
-55/+125 °C
Note: Number of cycles required is 300.
Devices mounted
Maximum transfer time is 20 seconds.
Dwell time is 15 minutes. Air – Air
±(1%+0.0005 Ω)
Short Time
Overload
IEC60115-1 4.13
5 times of rated power for 5 seconds at room
temperature
± (1%+0.0005 Ω)
No visible damage
Board Flex/
Bending
IEC60115-1 4.33
Device mounted on PCB test board as described,
only 1 board bending required
Bending for
0201: 3mm
0402 and above: 2mm
Holding time: minimum 60 seconds
± (1%+0.0005 Ω)
No visible damage
Biased Humidity
MIL-STD-202
Method 103
1,000 hours at 85ºC/85%R.H. 10% of operating
power, no condensation on the devices, circulating
air.
± (1.0 % + 0.0005Ω)
Table 8 Test condition, procedure and requirements


Similar Part No. - PE1206JKF7T0R1L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
   Triple Incremental Encoder
logo
PerkinElmer Optoelectro...
PE125B-10F PERKINELMER-PE125B-10F Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE125B-10UV PERKINELMER-PE125B-10UV Datasheet
64Kb / 2P
   CERMAX FOCUSED XENON ARC LAMPS
PE125BF PERKINELMER-PE125BF Datasheet
64Kb / 2P
   CERMAX XENON ARC LAMPS
PE125BUV PERKINELMER-PE125BUV Datasheet
64Kb / 2P
   CERMAX XENON ARC LAMPS
More results

Similar Description - PE1206JKF7T0R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com