Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB095BM-90 Datasheet(PDF) 1 Page - Rohm

Part # RB095BM-90
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB095BM-90 Datasheet(HTML) 1 Page - Rohm

  RB095BM-90_16 Datasheet HTML 1Page - Rohm RB095BM-90_16 Datasheet HTML 2Page - Rohm RB095BM-90_16 Datasheet HTML 3Page - Rohm RB095BM-90_16 Datasheet HTML 4Page - Rohm RB095BM-90_16 Datasheet HTML 5Page - Rohm RB095BM-90_16 Datasheet HTML 6Page - Rohm RB095BM-90_16 Datasheet HTML 7Page - Rohm RB095BM-90_16 Datasheet HTML 8Page - Rohm RB095BM-90_16 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB095BM-90
lApplication
lDimensions (Unit : mm)
lLand size figure (Unit : mm)
General Rectification
lFeatures
1) Power mold type (TO-252)
2) Cathode common dual type
3) High reliability
4) Low VF
lStructure
lConstruction
Silicon epitaxial planar type
lTaping specifications (Unit : mm)
lAbsolute maximum ratings (T
c= 25°C)
Repetitive Peak Reverse Voltage
VRM
Reverse Voltage
VR
Average forward rectified current
Io
IFSM
Operating Junction Temperature
Tj
Storage Temperature
Tstg
lElectrical characteristics (T
j = 25°C)
Symbol
Unit
Forward voltage
VF
V
Reverse current
IR
mA
Thermal Resistance
Rth(j-c)
°C / W
-
-
6.0
Junction to Case
-
-
0.75
IF=3.0A
-
-
0.15
VR=90V
-40 to +150 °C
-
Parameter
Min. Typ. Max.
Conditions
Non-repetitive Forward Current Surge Peak
50
A
60Hz half sin wave,
Non-repetitive at Ta=25ºC, per diode
150
°C
-
90
V
Direct Reverse Voltage
6
A
60Hz half sin Wave resistive load,
Tc=121°C max., 1/2 Io per diode
90
V
Duty≦0.5
Parameter
Symbol
Limits
Unit
Conditions
TO-252
2.3
1.6
2.3
6.0
1.6
Cathode
(1)
Anode
(2)
Anode
(3)
1
2
1
ROHM : TO-252
JEITA : SC-63
: Manufacture Date
2
: Serial number
1/5
2016.04 - Rev.B


Similar Part No. - RB095BM-90_16

ManufacturerPart #DatasheetDescription
logo
Rohm
RB095BM-90FH ROHM-RB095BM-90FH Datasheet
859Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB095BM-90_16

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com