Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB068MM-40 Datasheet(PDF) 1 Page - Rohm

Part # RB068MM-40
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB068MM-40 Datasheet(HTML) 1 Page - Rohm

  RB068MM-40 Datasheet HTML 1Page - Rohm RB068MM-40 Datasheet HTML 2Page - Rohm RB068MM-40 Datasheet HTML 3Page - Rohm RB068MM-40 Datasheet HTML 4Page - Rohm RB068MM-40 Datasheet HTML 5Page - Rohm RB068MM-40 Datasheet HTML 6Page - Rohm RB068MM-40 Datasheet HTML 7Page - Rohm RB068MM-40 Datasheet HTML 8Page - Rohm RB068MM-40 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB068MM-40
Application
Dimensions
(Unit : mm)
Land Size Figure
(Unit : mm)
General rectification
Features
1) Small power mold type
(PMDU)
2) High reliability
Structure
3) Super low IR
Construction
Taping Dimensions
(Unit : mm)
Silicon epitaxial planar type
Absolute Maximum Ratings
(Tc= 25°C)
Repetitive Peak Reverse Voltage
VRM
V
Reverse Voltage
VR
V
Operating Junction Temperature
Tj
°C
Storage Temperature
Tstg
°C
Electrical Characteristics
(Tj = 25°C)
Symbol
Min. Typ. Max. Unit
VF
-
0.675 0.725
V
Reverse Current
IR
-
0.05 0.55
A
Parameter
Symbol
Conditions
Limits
Average Forward Rectified Current
Io
resistive load, Tc=80°C max.
2
55 to 150
Unit
Duty≦0.5
40
Direct Reverse Voltage
40
A
Glass epoxi mounted, 60Hz half sin Wave
60Hz half sin wave,
40
A
Non-repetitive at Ta=25°C,1cycle
-
150
VR=40V
Forward Voltage
Non-repetitive Forward Current Surge Peak
IFSM
Parameter
Conditions
IF=2.0A
-
ROHM : PMDU
JEDEC : SOD-123FL
: Manufacture Date
PMDU
1.2
Anode
Cathode
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
1.00.1
1.550.05
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.05
0.1
1/5
2016.11 - Rev.C


Similar Part No. - RB068MM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB068MM-40TF ROHM-RB068MM-40TF Datasheet
2Mb / 8P
   Schottky Barrier Diode
2022/01/18_Rev.003
More results

Similar Description - RB068MM-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com