Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE2010DRF7T0R1L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # PE2010DRF7T0R1L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE2010DRF7T0R1L Datasheet(HTML) 5 Page - YAGEO Corporation

  PE2010DRF7T0R1L Datasheet HTML 1Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 2Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 3Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 4Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 5Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 6Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 7Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 8Page - YAGEO Corporation PE2010DRF7T0R1L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
5
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
SERIES SIZE
POWER RATING (1)
TOLERANCE RESISTANCE RANGE
TEMPERATURE COEFFICIENT
OF RESISTANCE
07
7W
7T
47
57
PE
0201 1/20W 1/10W
---
---
---
± 0.5%(>10 mΩ )
± 1%
± 5%
50 mΩ≦ R ≦ 200mΩ
20mΩ ≦ R≦ 70mΩ ± 350ppm/℃
70mΩ<R≦ 200mΩ ±100ppm/℃
0402 1/16W 1/8W 1/6W 1/4W
---
10 mΩ≦ R ≦ 910 mΩ
±100 ppm/°C
0603 1/10W 1/5W 1/3W 2/5W 1/2W
5mΩ , 10mΩ , 15mΩ
20 mΩ ≦ R ≦ 910 mΩ
±75 ppm/°C
±100 ppm/°C
0805
1/8W
1/4W 1/3W 1/2W
---
1206
1/4W
1/2W
---
1W
---
5 mΩ ≦ R ≦ 910 mΩ
2010
1/2W
1W
---
---
---
5mΩ ≦ R≦ 100mΩ
±50 ppm/°C
±75 ppm/°C
±100 ppm/°C
2512
1W
2W
---
---
---
6mΩ ≦ R≦ 100mΩ
Note: 1. Global part number (code 10 - 11)
2. Please contact with sales offices, distributors and representatives in your region before ordering.
ELECTRICAL CHARACTERISTICS
Fig. 4 Chip resistor outlines
Table 2
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
PE0201 to PE0402 Range: -55°C to +125°C (Fig. 6-1)
PE0603 to PE2512 Range: -55°C to +170°C (Fig. 6-2)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Standard rated power at 70°C:
PE0201 = 1/20W
PE0402 = 1/16W
PE0603 = 1/10W
PE0805 = 1/8W
PE1206 = 1/4W
PE2010 = 1/2W
PE2512 = 1W
For detail power value, please refer to Table 2.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
)
(
PxR
Where
V = Continuous rated DC or
AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
Fig. 6-1
Maximum dissipation (Pmax) in percentage of rated
power as a function of the operating ambient
temperature (Tamb)
Fig. 6-2
Maximum dissipation (Pmax) in percentage of rated
power as a function of the operating ambient
temperature (Tamb)


Similar Part No. - PE2010DRF7T0R1L

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PE2010-M YHDC-PE2010-M Datasheet
627Kb / 1P
   PE series PCB safety isolation transformer
logo
SHENZHEN DOINGTER SEMIC...
PE2010S DOINGTER-PE2010S Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
More results

Similar Description - PE2010DRF7T0R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com