Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX128V-5F208C Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LX128V-5F208C
Description  ispGDX2??Device Datasheet
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX128V-5F208C Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LX128V-5F208C Datasheet HTML 6Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 7Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 8Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 9Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 10Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 11Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 12Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 13Page - Lattice Semiconductor LX128V-5F208C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
7
Figure 4. ispGDX2 Family Control Array
sysIO Banks
The inputs and outputs of ispGDX2 devices are divided into eight sysIO banks, where each bank is capable of sup-
porting different I/O standards. The number of I/Os per bank is 32, 16 and 8 for the 256-, 128- and 64-I/O devices
respectively. Each sysIO bank has its own I/O supply voltage (VCCO) and reference voltage (VREF), allowing each
bank complete independence from the other banks. Each I/O within a bank can be individually configured to any
standard consistent with the VCCO and VREF settings. Figure 5 shows the I/O banks for the ispGDX2-256 device.
The I/O of the ispGDX2 devices contain a programmable strength and slew rate tri-state output buffer, a program-
mable input buffer, a programmable pull-up resistor, a programmable pull-down resistor and a programmable bus-
keeper latch. These programmable capabilities allow the support of a wide range of I/O standards.
MUX Select
to Nibble 0
MUX Select
to Nibble 1
MUX Select
to Nibble 2
MUX Select
to Nibble 3
To MRB Clock/
Clock Enable
To MRB
Set/Reset
To MRB
Output Enable
32 Inputs from Control GRP
Each connection
is programmable.
On selected blocks,
this signal can reset
the M Divider of the
PLL.


Similar Part No. - LX128V-5F208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX128V-5F208C LATTICE-LX128V-5F208C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX128V-5F208C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22E22I7N ALTERA-EP4CE22E22I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com