Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX64B-5FN100C Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # LX64B-5FN100C
Description  ispGDX2??Device Datasheet
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64B-5FN100C Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button LX64B-5FN100C Datasheet HTML 3Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 4Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 5Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 6Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 7Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 8Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 9Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 10Page - Lattice Semiconductor LX64B-5FN100C Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
4
MUX and Register Block (MRB)
Every MRB Block has a 4:1 MUX (I/O MUX) and a set of three registers which are connected to the I/O buffers,
FIFO and sysHSI Blocks. Multiple MRBs can be combined to form large multiplexers as described below. Figure 3
shows the structure of the MRB.
Each of the three registers in the MRB can be configured as edge-triggered D-type flip-flop or as a level sensitive
latch. One register operates on the input data, the other output data and the last register synchronizes the output
enable function. The input and output data signals can bypass each of their registers. The polarity of the data out
and output enable signals can be selected.
The Output and OE register share the same clock and clock enable signals. The Input register has a separate clock
and clock enable. The initialization signals of each register can be independently configured as Set or Reset. These
registers have programmable polarity control for Clock, Clock Enable and Set/Reset. The output enable register
input can be set either by one of the two output enables generated locally from the Control Array or from one of the
four (two in 64 I/O) Global OE enable pins. In addition to the local clock and clock enable signals, each MRB has
access to Global Clock, Clock Enable, Reset and TOE nets.


Similar Part No. - LX64B-5FN100C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX64B-5FN100C LATTICE-LX64B-5FN100C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX64B-5FN100C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22E22I7N ALTERA-EP4CE22E22I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com