Electronic Components Datasheet Search |
|
ISPGDX160VVA Datasheet(PDF) 9 Page - Lattice Semiconductor |
|
ISPGDX160VVA Datasheet(HTML) 9 Page - Lattice Semiconductor |
9 / 36 page 8 Specifications ispGDX160VA Absolute Maximum Ratings 1,2 Supply Voltage Vcc ................................. -0.5 to +5.4V Input Voltage Applied ............................... -0.5 to +5.6V Off-State Output Voltage Applied ............ -0.5 to +5.6V Storage Temperature ................................ -65 to 150°C Case Temp. with Power Applied .............. -55 to 125°C Max. Junction Temp. (TJ) with Power Applied ... 150°C 1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications). 2. Compliance with the Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM is a requirement. DC Recommended Operating Conditions C SYMBOL Table 2-0006/gdx160va C PARAMETER PACKAGE TYPE Dedicated Clock Capacitance 8 UNITS TYPICAL TEST CONDITIONS 1 2 7 PQFP BGA, fpBGA PQFP BGA, fpBGA I/O Capacitance pf 10 pf pf 10 pf V = 3.3V, V = 2.0V V = 3.3V, V = 2.0V CC CC Y I/O Capacitance (T A=25 oC, f=1.0 MHz) PARAMETER MINIMUM MAXIMUM UNITS Erase/Reprogram Cycles 10,000 — Cycles Erase/Reprogram Specifications SYMBOL Table 2-0005/gdx160va VCC VCCIO PARAMETER Supply Voltage I/O Reference Voltage Commercial TA = 0°C to +70°C MIN. MAX. UNITS 3.00 2.3 3.60 3.60 V Industrial TA = -40°C to +85°C 3.00 3.60 V V |
Similar Part No. - ISPGDX160VVA |
|
Similar Description - ISPGDX160VVA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |