Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-0545Z Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-0545Z
Description  The media converter kit includes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-0545Z Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-0545Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-0545Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Packet Loss Measurement using the Ping Command
This procedure checks the functionality of the AFBR-
0545Z media converter board and creates an optical link
network to measure packet loss.
1. Connect the power supply to the AFBR-0545Z media
converter boards. LED1 and LED2 will flash one time
and a red light can be seen coming out of the AFBR-
5972Z module. This indicates that the media converter
boards are functional.
2. Connect one end of CAT 5 patch cable to the RJ45
interface and other end to the network. LED1 will flash
on and off. Connect the RJ45 interface of the other
media converter board to a computer or a laptop. LED1
will flash on and off.
3. Connect the 2-meter POF duplex cable between the
two AFBR-5972Z media converter boards. This makes a
duplex communication optical link. LED1 and LED2 on
both media converter boards will flash synchronously,
indicating an active optical link network has been
created.
With the link established, a packet loss measurement
can be made with the Internet Ping protocol and ping
command.
Internet Ping Command
The Internet ping command bounces a small packet
off a domain or IP address to test network communica-
tions, and then reports how long the packet took to make
the round trip. The ping command is one of the most
commonly used utilities on the Internet by both people
and automated programs for conducting the most basic
network test.
Figure 5. Ping statistics for avagotech.com: Packet loss = 0%
Command Prompt in Windows NT, 2000, and XP
To use the ping command, open a Command Prompt
window:
Click
Start Click Run Type cmd and press enter
In Command Prompt window type “ping -n 10 avagotech.
com”. This means that the ping command will ping
avagotech.com ten times (Figure 5).
As shown in Figure 5, the ping command pinged the
avagotech website ten times and also provided statistics
for the avagotech.com link. For example, the number of
packets sent, received and lost as well as the minimum,
maximum and average round-trip time in milliseconds
were reported. In this example there were no packets lost
(0% loss).
For the test shown in Figure 6, the CAT5 patch cable
from the media converter board (which is connected to
a computer or laptop) was purposely removed to observe
the packet loss. The results of the ping command “ping -n
10 avagotech.com” – with the CAT5 patch cable removed
– show the packet loss phenomena. Ten packets were
sent, six packets were received and four packets failed to
reach the destination host. Packet loss was 40%.


Similar Part No. - AFBR-0545Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0544Z AVAGO-AFBR-0544Z Datasheet
544Kb / 4P
   Evaluation PCB description
AFBR-0546Z AVAGO-AFBR-0546Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0547Z AVAGO-AFBR-0547Z Datasheet
56Kb / 2P
   AFBR-1624Z and AFBR-2624Z unit
AFBR-0548Z AVAGO-AFBR-0548Z Datasheet
44Kb / 2P
   Connect 0V to GND pin of 3 pin connector
AFBR-0549Z AVAGO-AFBR-0549Z Datasheet
145Kb / 1P
   The AFBR-0549Z/AFBR-0550Z evaluation kits provide
More results

Similar Description - AFBR-0545Z

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
   Standard kit includes
logo
List of Unclassifed Man...
MHD45PK25-K ETC2-MHD45PK25-K Datasheet
155Kb / 1P
   BACKSHELL KIT INCLUDES
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com