Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6644 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6644
Description  3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6644 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6644 Datasheet HTML 1Page - National Semiconductor (TI) LMH6644 Datasheet HTML 2Page - National Semiconductor (TI) LMH6644 Datasheet HTML 3Page - National Semiconductor (TI) LMH6644 Datasheet HTML 4Page - National Semiconductor (TI) LMH6644 Datasheet HTML 5Page - National Semiconductor (TI) LMH6644 Datasheet HTML 6Page - National Semiconductor (TI) LMH6644 Datasheet HTML 7Page - National Semiconductor (TI) LMH6644 Datasheet HTML 8Page - National Semiconductor (TI) LMH6644 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
2KV (Note 2)
200V (Note 9)
V
IN Differential
±2.5V
Output Short Circuit Duration
(Note 3), (Note 11)
Supply Voltage (V
+ -V)
13.5V
Voltage at Input/Output pins
V
+ +0.8V, V−0.8V
Input Current
±10mA
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information
Infrared or Convection Reflow(20 sec)
235˚C
Wave Soldering Lead Temp.(10 sec)
260˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V)
3V to 12.8V
Junction Temperature Range (Note 4)
−40˚C to +85˚C
Package Thermal Resistance (Note 4) (
θ
JA)
SOT23-5
265˚C/W
SOIC-8
190˚C/W
MSOP-8
235˚C/W
SOIC-14
145˚C/W
TSSOP-14
155˚C/W
3V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 3V, V= 0V, V
CM =VO =V
+/2, and R
L =2k
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
BW
−3dB BW
A
V = +1, VOUT = 200mVPP
80
115
MHz
A
V = +2, −1, VOUT = 200mVPP
46
BW
0.1dB
0.1dB Gain Flatness
A
V = +2, RL = 150
Ω to V+/2,
R
L = 402
Ω,V
OUT = 200mVPP
19
MHz
PBW
Full Power Bandwidth
A
V = +1, −1dB, VOUT =1VPP
40
MHz
e
n
Input-Referred Voltage Noise
f = 100kHz
17
nV/
f = 1kHz
48
i
n
Input-Referred Current Noise
f = 100kHz
0.90
pA/
f = 1kHz
3.3
THD
Total Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = −1,
R
L = 100
Ω to V+/2
−48
dBc
DG
Differential Gain
V
CM = 1V, NTSC, AV =+2
R
L =150
Ω to V+/2
0.17
%
R
L =1k
Ω to V+/2
0.03
DP
Differential Phase
V
CM = 1V, NTSC, AV =+2
R
L =150
Ω to V+/2
0.05
deg
R
L =1k
Ω to V+/2
0.03
CT Rej.
Cross-Talk Rejection
f = 5MHz, Receiver:
R
f =Rg = 510
Ω,A
V =+2
47
dB
T
S
Settling Time
V
O =2VPP, ±0.1%, 8pF Load,
V
S =5V
68
ns
SR
Slew Rate (Note 8)
A
V = −1, VI =2VPP
90
120
V/µs
V
OS
Input Offset Voltage
±1
±5
±7
mV
TC V
OS
Input Offset Average Drift
(Note 12)
±5
µV/˚C
I
B
Input Bias Current
(Note 7)
−1.50
−2.60
−3.25
µA
I
OS
Input Offset Current
20
800
1000
nA
R
IN
Common Mode Input
Resistance
3M
C
IN
Common Mode Input
Capacitance
2pF
www.national.com
2


Similar Part No. - LMH6644

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI1-LMH6644 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI1-LMH6644 Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6644

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com