Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53S205-317N5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53S205-317N5
Description  N 50 RIGHT ANGLE PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53S205-317N5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53S205-317N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S205-317N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
N 50
RIGHT ANGLE PLUG
53S205-317N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-16, MIL-PRF-39012, CECC 22210
Documents
Assembly instruction
53 S5
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Gasket
Silicone
Crimping ferrule
Copper
Flash white bronze over silver(e.g. Optargen®)


Similar Part No. - 53S205-317N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53S205-315N5 ROSENBERGER-53S205-315N5 Datasheet
86Kb / 2P
   N 50 RIGHT ANGLE PLUG
More results

Similar Description - 53S205-317N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53S205-306N5 ROSENBERGER-53S205-306N5 Datasheet
77Kb / 2P
   N 50 RIGHT ANGLE PLUG
53S20E-0N9N5 ROSENBERGER-53S20E-0N9N5 Datasheet
110Kb / 2P
   N 50 Right Angle Plug
53S205-315N5 ROSENBERGER-53S205-315N5 Datasheet
86Kb / 2P
   N 50 RIGHT ANGLE PLUG
logo
Molex Electronics Ltd.
0732760130 MOLEX11-0732760130 Datasheet
31Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-400 Cable
0732760690 MOLEX-0732760690_V01 Datasheet
30Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-240 Cable
0732760130 MOLEX-0732760130_V01 Datasheet
32Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-400 Cable
0732760690 MOLEX11-0732760690 Datasheet
30Kb / 1P
   50 Ohms, N Plug, Right-Angle LMR-240 Cable
logo
Rosenberger Hochfrequen...
53K201-200N5 ROSENBERGER-53K201-200N5 Datasheet
42Kb / 2P
   N 50 RIGHT ANGLE JACK
logo
Molex Electronics Ltd.
0734040291 MOLEX11-0734040291 Datasheet
34Kb / 1P
   50 Ohms, SMB Right-Angle Plug
logo
Huber+Suhner, Inc.
SF_16_N-44 HUBERSUHNER-SF_16_N-44 Datasheet
272Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com