Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT1206FK-7W0R1L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # PT1206FK-7W0R1L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT1206FK-7W0R1L Datasheet(HTML) 5 Page - YAGEO Corporation

  PT1206FK-7W0R1L Datasheet HTML 1Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 2Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 3Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 4Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 5Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 6Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 7Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 8Page - YAGEO Corporation PT1206FK-7W0R1L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
5
9
SERIES
PT
0402/0603/0805/1206/2010/2512
ELECTRICAL CHARACTERISTICS
Table 2
Type
Power
Operating
Temp. range
Max working
voltage
Tolerance
Temperature Coefficient of
Resistance
Jumper criteria
PT0402
1/16W
-55°C to +155°C
(PxR)^1/2
E24 ±2%, ±5%
E24/E96 ±1%
50mΩ ≦ R<68mΩ
68mΩ ≦ R<100mΩ
100mΩ ≦ R<1Ω
±600ppm/°C
±300ppm/°C
±200ppm/°C
Max. resistance
Rated current
10mΩ
3A
1/8 W
--
PT0603
1/10W
50mΩ
50mΩ <R<68mΩ
68mΩ ≦ R<100mΩ
100mΩ ≦ R<1Ω
0/+400ppm/°C
0/+350ppm/°C
0/+300ppm/°C
±200ppm/°C
Max. resistance
Rated current
8mΩ
5A
1/5 W
--
1/3 W
50mΩ
50mΩ <R<68mΩ
68mΩ
0/+400ppm/°C
0/+350ppm/°C
0/+300ppm/°C
--
PT0805
1/8 W
50mΩ
50mΩ <R<68mΩ
68mΩ ≦ R<100mΩ
100mΩ ≦ R<1Ω
0/+350ppm/°C
0/+300ppm/°C
0/+250ppm/°C
±100ppm/°C
Max. resistance
Rated current
5mΩ
6A
1/4 W
--
PT1206
1/4 W
50mΩ ≦ R < 75mΩ
75mΩ ≦ R≦ 100mΩ
100mΩ <R<1Ω
±350ppm/°C
±100ppm/°C
±75ppm/°C
Max. resistance
Rated current
5mΩ
10A
1/2 W
--
PT2010
3/4 W
100 mΩ
100 mΩ < R < 1 Ω
±100 ppm/°C
±75 ppm/°C
--
1W
--
PT2512
1W
--
2W
--


Similar Part No. - PT1206FK-7W0R1L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PT12064ARN-0 POWERTIP-PT12064ARN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARN-F POWERTIP-PT12064ARN-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARS-0 POWERTIP-PT12064ARS-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARS-F POWERTIP-PT12064ARS-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064AZN-0 POWERTIP-PT12064AZN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PT1206FK-7W0R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com