Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX532B-10.000 Datasheet(PDF) 1 Page - Fox Electronics

Part # FX532B-10.000
Description  Ceramic SMD Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX532B-10.000 Datasheet(HTML) 1 Page - Fox Electronics

  FX532B-10.000 Datasheet HTML 1Page - Fox Electronics FX532B-10.000 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• Low Cost
• Fundamental to 67 MHz
• Resin Sealed (A Version)
• Seam Sealed (B Version)
• Tape and Reel (2,000 pcs. STD)
OPTIONS
• Tolerances to < 10 PPM (B Version)
• Stabilities to < 10 PPM (B Version)
• Temperatures to -40ºC ~ +85ºC
1 Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
2 Inclusive of tolerance at 25ºC
All specifications subject to change without notice.
Note: Dimensional drawing is for reference to critical specifications defined by size
measurements. Certain non-critical visual attributes, such as side castellations, etc. may vary.
The above specifications, having been carefully prepared and checked, is believed to be
accurate at the time of publication; however, no responsibility is assumed by Fox Electronics
for inaccuracies
.
10.000 ~ 14.000
14.000+ ~ 16.000
16.000+ ~ 67.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
140
90
60
Operating Mode
Max ESR
PARAMETERS
Frequency Range
Frequency Tolerance, Ta=25ºC
10.000 ~ 40.000 MHz
40.000+ ~ 67.000 MHz
Frequency Stability
10.000 ~ 40.000 MHz (ref. @ 25ºC)
40.000+ ~ 67.000 MHz
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging
per year
10.000 ~ 67.000 MHz
±50PPM
See Stability
±50 PPM
±100 PPM 2
-10ºC ~ +60ºC
-30ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
• STANDARD SPECIFICATIONS1
MAX (unless otherwise noted)
Model Number
Part Number
• PART NUMBER SELECTION Learn More - Internet Required
Frequency Range (MHz)
10.000 ~ 67.000
10.000 ~ 67.000
FX532A
FX532B
419-Frequency-xxxxx
495-Frequency-xxxxx
Ceramic SMD Crystal
Rev. 6/5/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FX532 Series
Page 1 of 2
Recommended
Solder Pad Layout
5.0 ± 0.2
3.2 ± 0.2
1.4 ± 0.2
1.7
1.8
2.6
3.0 ± 0.2
2.6 ± 0.2
1.4 ± 0.2
1.8
1.2
2.0
1.1
Solder Pad Layout
Recommended
FX532A
FX532B
FX532A - 0.8±0.2
FX532B - 0.7±0.1
All dimensions are in millimeters.


Similar Part No. - FX532B-10.000

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX532B FOX-FX532B Datasheet
218Kb / 2P
   Ceramic SMD Crystal
More results

Similar Description - FX532B-10.000

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL
04.19.13
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
   CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
   Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
   Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
   CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
   CERAMIC SMD CRYSTAL
11.8.2016
logo
Fox Electronics
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
   Ceramic SMD Crystal
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
   Ceramic SMD Crystal
FX425B-12.000 FOX-FX425B-12.000 Datasheet
196Kb / 2P
   Ceramic SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com