Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX122-327 Datasheet(PDF) 2 Page - Fox Electronics

Part # FX122-327
Description  SMD 2.0 x 1.2 Tuning Fork
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX122-327 Datasheet(HTML) 2 Page - Fox Electronics

  FX122-327 Datasheet HTML 1Page - Fox Electronics FX122-327 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: + 44 .11283.568153 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2008 Certified
SMD 2.0 x 1.2 Tuning Fork
Rev. 8/6/2010
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FX122
Page 1 of 2
SMD 2.0 x 1.2 Tuning Fork
Rev. 8/6/2010
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FX122
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FX122
A
∅1.5
B
4.0
C
4.0
D
3.5
E
8.0
F
0.8
STD Reel QTY
3,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅60
K
∅180
L
9.0
M
2.0
MODEL
FX122


Similar Part No. - FX122-327

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
   SMD 2.0 x 1.2 Tuning Fork
More results

Similar Description - FX122-327

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
   SMD 2.0 x 1.2 Tuning Fork
logo
Transko Electronics, In...
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
   MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
logo
Fox Electronics
K124 FOX-K124 Datasheet
388Kb / 3P
   1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
K121 FOX-K121 Datasheet
388Kb / 3P
   1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
   TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
logo
Fox Electronics
K255 FOX-K255 Datasheet
220Kb / 2P
   4.9 x 1.8mm SMD Tuning Fork
K122 FOX-K122 Datasheet
403Kb / 3P
   2 x 1.2mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
   4.1 x 1.5mm SMD Tuning Fork
FK135 FOX-FK135 Datasheet
397Kb / 3P
   3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com