Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ASMT-MT00
Description  Moonstone Tri-Color Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ASMT-MT00 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Option Selection Details
ASMT-MT00 – 0 x1 x2 x3 x4
x1 – Minimum Flux Bin
x2 – Number of Flux Bins Starting from Selected x1
x3 – Color Bin Selection
x4 – Packaging Option
Flux Bin Selection [x1, x2]
Individual reel will contain part from 1 bin only.
x1
Minimum Flux Bin
Red
Green
Blue
0
Full Distribution
A
H
J
C
x2
Number of Flux Bins Starting from Selected x1
Red
Green
Blue
0
Full Distribution
A
2
2
2
B
2
2
3
D
2
3
3
Flux Bin Limit
Bin ID
Luminous Flux (lm) at IF = 350 mA
Min.
Max.
A
5.5
7.0
B
7.0
9.0
C
9.0
11.5
D
11.5
15.0
E
15.0
19.5
F
19.5
25.5
G
25.5
33.0
H
33.0
43.0
J
43.0
56.0
K
56.0
73.0
L
73.0
95.0
M
95.0
124.0
Tolerance for each bin limits is ±10%
Color Bin Selection [x3]
Individual reel will contain part from 1 bin only.
x3
Color Bin Combination
Red
Green
Blue
0
Full Distribution
A, B, C and D
A, B, C and D
Packaging Option [x4]
Selection
Option
1
Tape and Reel
Example
ASMT-MT00-00001
X1 = 0 – Full Distribution
X2 = 0 – Full Distribution
X3 = 0 – Red (Full Distribution),
Green (A, B, C and D),
Blue (A, B, C and D)
X4 = 1 – Tape and Reel Option
Color Bin Limit
Color
Bin ID
Min.
Max.
Red
Full Distribution
620.0
635.0
Green
A
515.0
520.0
B
520.0
525.0
C
525.0
530.0
D
530.0
535.0
Blue
A
455.0
460.0
B
460.0
465.0
C
465.0
470.0
D
470.0
475.0
Tolerance: ±1 nm


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn