Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ASMT-MT00
Description  Moonstone Tri-Color Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ASMT-MT00 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Figure 7. Maximum Forward Current vs. Ambient Temperature for InGaN.
Derated based on TJMAX = 125°C, RθJ-A = 30°C/W, 40°C/W and 50°C/W.
Figure 8. Maximum Forward Current vs. Ambient Temperature for AlInGaP.
Derated based on TJMAX = 125°C, RθJ-A = 30°C/W, 40°C/W and 50°C/W.
Figure 9. Maximum Forward Current vs. Metal Slug Temperature. Derated
based on TJMAX = 125°C, RθJ-MS = 20°C/W for InGaN and RθJ-MS = 23°C/W for
AlInGaP.
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, TA - °C
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, TA - °C
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
METAL SLUG TEMPERATURE, TMS - °C
217°C
200°C
150°C
60 - 120 SEC.
-6°C/SEC. MAX.
3°C/SEC. MAX.
3°C/SEC. MAX.
255 - 260°C
100 SEC. MAX.
10 - 30 SEC.
TIME
(Acc. to J-STD-020C)
R
θJ-A = 30°C/W
R
θJ-A = 40°C/W
R
θJ-A = 50°C/W
R
θJ-A = 30°C/W
R
θJ-A = 40°C/W
R
θJ-A = 50°C/W
R
θJ-MS = 20°C/W
R
θJ-MS = 23°C/W
10.00
5.00
7.35
7.50
3.90
3.50
0.64
1.00
1.27
Figure 11. Recommended soldering land pattern.
Figure 10. Recommended Reflow Soldering [1].
Note:
For detail information on reflow soldering of Avago surface mount LEDs, do refer to Avago Application Note AN1060 Surface Mounting SMT LED
Indicator Components.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn