Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ASMT-MT00
Description  Moonstone Tri-Color Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ASMT-MT00 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Part Numbering System
Color Bin Selection
Number of Flux Bins Starting from Selected x2
Minimum Flux Bin
ASMT-MT00 – 0 x1 x2 x3 x4
Packaging Option
Note:
1. Please refer to Page 6 for selection details.
Absolute Maximum Ratings
Parameter
AllnGaP
InGaN
Units
DC Forward Current [1]
350
350
mA
Peak Pulsing Current [2]
1000
1000
mA
Power Dissipation
805
1225
mW
LED Junction Temperature
125
125
°C
Operating Metal Slug Temperature Range at 350 mA
-40 to +105
-40 to +105
°C
Storage Temperature Range
-40 to +120
-40 to +120
°C
Soldering Temperature
Refer to Figure. 10
Note:
1. Derate linearly based on Figure. 7 for InGaN and Figure. 8 for AlInGaP.
2. Pulse condition duty factor = 10 %, Frequency = 1 kHz.
Optical Characteristics at 350 mA (TJ = 25°C)
Part Number
Color
Peak Wavelength,
λPEAK (nm)
Dominant Wavelength,
λD[1] (nm)
Viewing Angle,
2
θ½[2] (°)
Luminous Efficiency
(lm/W)
Typ.
Typ.
Typ.
Typ.
ASMT-MT00
Red
635
625
120
54
Green
519
525
120
76
Blue
454
460
120
12
Notes:
1. The dominant wavelength,
λD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2.
θ½ is the off-axis angle where the luminous intensity is ½ the peak intensity.
Electrical Characteristic at 350 mA (TJ = 25°C)
Dice Type
Forward Voltage,
VF (Volts) at IF = 350mA
Reverse Voltage,
VR[1]
Thermal Resistance,
R
θj-ms (°C/W)[2]
Min.
Typ.
Max.
Typ.
AllnGaP
1.7
2.1
2.3
Not recommended
23
InGaN
2.8
3.2
3.5
20
Notes:
1. Not designed for reverse bias operation.
2. R
θj-ms is Thermal Resistance from LED junction to metal slug. All 3 colors are lighted up at once during measurement.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn