Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ASMT-MT00
Description  Moonstone Tri-Color Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ASMT-MT00 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ASMT-MT00
Moonstone® Tri-Color Power LED Light Source
Data Sheet
Description
The Moonstone®Tri-Color Power LED Light Source is a high
performance energy efficient device which can handle
high thermal and high driving current. The exposed pad
design enables excellent heat transfer from the package
to the motherboard.
The low profile package design is suitable for a wide variety
of applications especially where height is a constraint.
The package is compatible with reflow soldering process.
This will give more freedom and flexibility to the light
source designer.
Applications
• Contour lighting
• Cove lighting
• Architectural lighting
• Garden lighting
• Decorative lighting
• Commercial lighting
• Mood lighting
Features
• Available in Tri-color.
• Energy efficient.
• Exposed pad for excellent heat transfer.
• Suitable for reflow soldering process.
• High current operation.
• Long operation life.
• Wide viewing angle.
• Silicone encapsulation.
• Non-ESD sensitive (threshold > 16KV).
• MSL 5a products.
Specifications
• 3.5 V (max) at 350 mA for InGaN
• 2.3 V (max) at 350 mA for AlInGaP
• 120° viewing angle


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn