Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ASMT-MT00
Description  Moonstone Tri-Color Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ASMT-MT00 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2014 Avago Technologies. All rights reserved.
AV02-1693EN - February 6, 2014
Handling Precaution
The encapsulation material of the product is made of
silicone for better reliability of the product. As silicone is
a soft material, please do not press on the silicone or poke
a sharp object onto the silicone. These might damage
the product and cause premature failure. During assembly
or handling, the unit should be held on the body only.
Please refer to Avago Application Note AN5288 for detail
information.
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 5a per
Jedec J-STD-020. Precautions when handling this moisture
sensitive product is important to ensure the reliability of
the product. Do refer to Avago Application Note AN5305
Handling of Moisture Sensitive Surface Mount Devices for
details.
A. Storage before use
– Unopened moisture barrier bag (MBB) can be stored
at <40°C/90%RH for 12 months. If the actual shelf life
has exceeded 12 months and the humidity indicator
card (HIC) indicates that baking is not required, then
it is safe to reflow the LEDs per the original MSL
rating.
– It is not recommended to open the (MBB) prior to
assembly (e.g. for IQC).
B. Control after opening the MBB
– The humidity indicator card (HIC) shall be read
immediately upon opening of MBB.
– The LEDs must be kept at <30°C/60%RH at all time
and all high temperature related process including
soldering, curing or rework need to be completed
within 24 hours.
C. Control for unfinished reel
– For any unused LEDs, they need to be stored in
sealed MBB with desiccant or desiccator at <5%RH.
D. Control of assembled boards
– If the PCB soldered with the LEDs is to be subjected to
other high temperature processes, the PCB need to
be stored in sealed MBB with desiccant or desiccator
at <5%RH to ensure no LEDs have exceeded their
floor life of 24 hours.
E. Baking is required if:
– HIC “10%” indicator is not blue and “5%” indicator is
pink.
– The LEDs are exposed to condition of >30°C/60% RH
at any time.
– The LEDs floor life exceeded 24 hours.
Recommended baking condition: 60±5°C for 20hrs.
DISCLAIMER: Avago’s products and software are not specifically designed, manufactured or authorized for sale as
parts, components or assemblies for the planning, construction, maintenance or direct operation of a nuclear facility or
for use in medical devices or applications. Customer is solely responsible, and waives all rights to make claims against
avago or its suppliers, for all loss, damage, expense or liability in connection with such use.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn