Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASMT-MT00 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ASMT-MT00
Description  Moonstone Tri-Color Power LED Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ASMT-MT00 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Figure 14. Carrier tape leader and trailer dimensions.
END
MINIMUM OF 160 mm
OF EMPTY COMPONENT
POCKETS SEALED WITH
COVER TAPE.
MOUNTED WITH
COMPONENTS
MINIMUM OF 390 mm OF EMPTY COMPONENT
POCKETS SEALED WITH COVER TAPE.
START
*Note: Tape & Reel Packaging only applicable as per this datasheet only.
Figure 15. Reel dimensions.
R10.00
268.00
330.00 ± 1.00
2.30
2.30
24.0
+1.00
−0.00
13.50 ±
0.50
2.50 ± 0.50
R10.50
± 0.50
120.0º


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn