Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52334 Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M52334
Description  PLL-SPLIT VIF/SIF IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52334 Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M52334 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52334 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MITSUBISHI ICs (TV)
M52334FP
PLL-SPLIT VIF/SIF IC
10
Pin 10 (LIMITER INPUT)
Pin 11 (AF OUTPUT)
Pin 12 (AUDIO F/B)
Bias
2k
2k
10
The input impedance is 2k
Ω.
Terminal voltage : 2.2V
internal
driving current : 1mA
The FM detector can respond to the 4.5MHz intercarrier
11
signal without an adjustment and external components by
The output DC voltages of 4.4V0-P and 2.4V0-P are in the
Since its output frequency is more than 100kHz in no
loading condition, it can also respond to the multi audio
adopting the PLL technique.
Vcc of 9V and 5V, respectively.
broadcasting.
50k
50k
12
Terminal voltage : 3.0V
The frequency response of the audio output is set by the
external capacitor of pin 12.
100kHz
[Pin 11 output]
[FM mod. frequency]
In the case of 0.1
µF, the cut-off frequency is 35Hz.
Connecting series resistor to the capacitor above, can
reduce an audio output amplitude.


Similar Part No. - M52334

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
More results

Similar Description - M52334

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52342SP MITSUBISHI-M52342SP Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
M52765FP MITSUBISHI-M52765FP Datasheet
122Kb / 15P
   PLL-SPLIT VIF/SIF IC
M52342FP MITSUBISHI-M52342FP Datasheet
97Kb / 13P
   PLL-SPLIT VIF/SIF IC
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
M52342FP RENESAS-M52342FP Datasheet
176Kb / 19P
   PLL-Split VIF/SIF IC
logo
Mitsubishi Electric Sem...
M52761SP MITSUBISHI-M52761SP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com