Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT1206FR-070R1L Datasheet(PDF) 8 Page - YAGEO Corporation

Part # PT1206FR-070R1L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT1206FR-070R1L Datasheet(HTML) 8 Page - YAGEO Corporation

  PT1206FR-070R1L Datasheet HTML 1Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 2Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 3Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 4Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 5Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 6Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 7Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 8Page - YAGEO Corporation PT1206FR-070R1L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
8
9
SERIES
PT
0402/0603/0805/1206/2010/2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Short Time
Overload
IEC60115-1 4.13
PT standard power: 2.5 times rated voltage for
5 sec at room temperature
PT high power: 5 times rated power for 5 sec
at room temperature
PT jumper: 2.5 times rated current for 5 sec at
room temperature
± (1.0%+0.0005 Ω)
No visible damage
Board Flex/
Bending
IEC 60115-1 4.33
Device mounted on PCB test board as
described, only 1 board bending required
Bending for 0402: 5 mm
0603/0805: 3 mm
1206 and above: 2 mm
Holding time: minimum 60± 1 seconds
Ohmic value checked during bending
± (1.0%+0.0005 Ω)
No visible damage
Solderability
- Wetting
J-STD-002 test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245± 3 °C
Dipping time: 3± 0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
J-STD-002 test D
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60115-1 4.18
Condition B, no pre-heat of samples.
Leadfree solder, 260± 5 °C, 10± 1 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
± (0.5%+0.0005 Ω)
No visible damage


Similar Part No. - PT1206FR-070R1L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PT12064ARN-0 POWERTIP-PT12064ARN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARN-F POWERTIP-PT12064ARN-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARS-0 POWERTIP-PT12064ARS-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARS-F POWERTIP-PT12064ARS-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064AZN-0 POWERTIP-PT12064AZN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PT1206FR-070R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com