Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNK-3043-TI27CD Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNK-3043-TI27CD
Description  Wireless USB Optical Mouse Designer?셲 Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNK-3043-TI27CD Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNK-3043-TI27CD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNK-3043-TI27CD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RegulatoryRequirements
• Passes FCC B and worldwide analogous emission
limits when assembled into a mouse with unshielded
cable and following Avago recommendations.
• Passes EN61000-4-4/IEC801-4 EFT tests when assem-
bled into a mouse with unshielded cable and follow-
ing Avago recommendations.
• UL flammability level UL94 V-0.
• Provides sufficient ESD creepage/clearance distance
to avoid discharge up to 15kV when assembled into a
mouse according to usage instructions above.
• For eye safety consideration, please refer to the docu-
ment, Eye Safety Calculation AN1228 available on the
web site,
http://www.avagotech.com/view/opticalnavigation.
Below is the summary of the components contained in the
ADNK-3034-TI27 Designer’s Kit.
Sensor
The sensor technical information is contained in the ADNS-
3040 Data Sheet.
Other system components
Technical information on the TI MSP430F1222 microcon-
troller is contained in the TI Data Sheet. Please contact
your local TI office for theMSP430 development tools.
These tools will allow the designer to make changes and
recompile the source code; perform In-Circuit Emulation
and debug new code for added features.
Programming support and programmer adaptors for the
MSP430 can be found through TI or through other 3rd party
programming tool companies. For further information on
this product, please contact Texas Instrument.
Cypress Semiconductor provides extensive development
tools for the xxxxx USB controller used in the receiver
dongle.
Lens
The lens technical information is contained in the ADNS-
3120-001 Data Sheet. The flange on the standard ADNS-
3120-001 lens is for ESD protection.
LED Assembly Clip
The information on the assembly clip is contained in the
ADNS-2220-001 Data Sheet.
LED
The LED technical information is contained in the HLMP-
ED80-XX000 Data Sheet and Application Note AN-1228.
Additional application notes regarding Eye Safety Require-
ments are also available at Avago’s website.
Base Plate Feature – IGES File
The IGES file on the CD-ROM provides recommended base
plate molding features to ensure optical alignment. This
includes a typical PCB assembly diagrams recommended
solder fixture in assembly and exploded view, as well as
solder plate. See Appendix C for details.
Reference Design Documentation – Gerber File
The Gerber File presents detailed schematics used in
ADNK-3043-TI27 in PCB layout form. The file for this
reference design can be found in the Hardware Support
files folder in the CD-Rom.
Overall circuit
A schematic of the overall circuit is shown in Appendix A of
this document. Appendix B lists the bill of materials.


Similar Part No. - ADNK-3043-TI27CD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
More results

Similar Description - ADNK-3043-TI27CD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com