Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM35N30-97 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQM35N30-97
Description  Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM35N30-97 Datasheet(HTML) 4 Page - Vishay Siliconix

  SQM35N30-97 Datasheet HTML 1Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 2Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 3Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 4Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 5Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 6Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 7Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 8Page - Vishay Siliconix SQM35N30-97 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SQM60030E
www.vishay.com
Vishay Siliconix
S15-2916-Rev. A, 14-Dec-15
4
Document Number: 67284
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
Source Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area
0.6
0.9
1.2
1.5
1.8
2.1
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V
0.000
0.003
0.006
0.009
0.012
0.015
02468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
85
88
91
94
97
100
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 10 mA
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
- 1.9
- 1.4
- 0.9
- 0.4
0.1
0.6
- 50
- 25
0
25
50
75
100
125
150
175
T
J -Temperature (°C)
I
D = 250 μA
I
D = 5 mA
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
100 ms, 1
10 s, DC
I
D Limited


Similar Part No. - SQM35N30-97

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
235Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM35N30-97-GE3 VISHAY-SQM35N30-97-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
SQM35N30-97 VISHAY-SQM35N30-97_15 Datasheet
234Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results

Similar Description - SQM35N30-97

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA92EP VISHAY-SQJA92EP Datasheet
225Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQJA94EP VISHAY-SQJA94EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA80EP VISHAY-SQJA80EP Datasheet
188Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 22-Sep-16
SQJA84EP VISHAY-SQJA84EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA86EP VISHAY-SQJA86EP Datasheet
220Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 03-Oct-16
SQJQ186ER VISHAY-SQJQ186ER_V01 Datasheet
182Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQSA82CENW VISHAY-SQSA82CENW_V01 Datasheet
189Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA86EP VISHAY-SQJA86EP_V02 Datasheet
279Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA96EP VISHAY-SQJA96EP_V02 Datasheet
278Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ186EP VISHAY-SQJ186EP_V02 Datasheet
323Kb / 8P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA84EP VISHAY-SQJA84EP_V02 Datasheet
293Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com