Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM200N04-1m1L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQM200N04-1m1L
Description  Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM200N04-1m1L Datasheet(HTML) 3 Page - Vishay Siliconix

  SQM200N04-1m1L Datasheet HTML 1Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 2Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 3Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 4Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 5Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 6Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 7Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 8Page - Vishay Siliconix SQM200N04-1m1L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQM60030E
www.vishay.com
Vishay Siliconix
S15-2916-Rev. A, 14-Dec-15
3
Document Number: 67284
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
32
64
96
128
160
02468
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 6 V
V
GS = 4 V
V
GS = 5 V
0
40
80
120
160
200
0
8
16
24
32
40
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
2400
4800
7200
9600
12000
0
1632486480
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0
24
48
72
96
120
02468
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55°C
T
C = 125°C
T
C = 25°C
0.000
0.002
0.004
0.006
0.008
0.010
0
20406080
100
120
I
D - Drain Current (A)
V
GS = 10 V
0
2
4
6
8
10
0
25
50
75
100
125
Q
g - Total Gate Charge (nC)
I
D = 80 A
V
DS = 40 V


Similar Part No. - SQM200N04-1m1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM200N04-1M1L VISHAY-SQM200N04-1M1L Datasheet
112Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Sep-12
SQM200N04-1m1L VISHAY-SQM200N04-1m1L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM200N04-1m1L VISHAY-SQM200N04-1m1L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM200N04-1M1L-GE3 VISHAY-SQM200N04-1M1L-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
SQM200N04-1M1L-GE3 VISHAY-SQM200N04-1M1L-GE3 Datasheet
173Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQM200N04-1m1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA92EP VISHAY-SQJA92EP Datasheet
225Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQJA94EP VISHAY-SQJA94EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA80EP VISHAY-SQJA80EP Datasheet
188Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 22-Sep-16
SQJA84EP VISHAY-SQJA84EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA86EP VISHAY-SQJA86EP Datasheet
220Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 03-Oct-16
SQJQ186ER VISHAY-SQJQ186ER_V01 Datasheet
182Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQSA82CENW VISHAY-SQSA82CENW_V01 Datasheet
189Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA86EP VISHAY-SQJA86EP_V02 Datasheet
279Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA96EP VISHAY-SQJA96EP_V02 Datasheet
278Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ186EP VISHAY-SQJ186EP_V02 Datasheet
323Kb / 8P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA84EP VISHAY-SQJA84EP_V02 Datasheet
293Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com