Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9140DEE-PB Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APX9140DEE-PB
Description  Hall Effect Sensor IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9140DEE-PB Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APX9140DEE-PB Datasheet HTML 1Page - Anpec Electronics Coropration APX9140DEE-PB Datasheet HTML 2Page - Anpec Electronics Coropration APX9140DEE-PB Datasheet HTML 3Page - Anpec Electronics Coropration APX9140DEE-PB Datasheet HTML 4Page - Anpec Electronics Coropration APX9140DEE-PB Datasheet HTML 5Page - Anpec Electronics Coropration APX9140DEE-PB Datasheet HTML 6Page - Anpec Electronics Coropration APX9140DEE-PB Datasheet HTML 7Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Jul., 2002
APX9140
www.anpec.com.tw
6
Package Information
TO-92M4
A
L1
J
D
b1
e1
e
Sensitive Area (0.286
0.286mm2)
Position of Hall Sensor
reference to the top-left of package
x= 0.85
0.1mm
y= 1.95
0.1mm
0.85mm
±
±
×
S
E
L
C
IC chip
Marking Surface
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
3.60
3.70
0.141
0.145
b1
0.35
0.41
0.014
0.016
C
0.351
0.411
0.014
0.016
D
5.17
5.27
0.203
0.207
e
3.78
3.84
0.148
0.150
e1
1.24
1.30
0.049
0.051
E
1.50
1.60
0.059
0.063
J
4.04
4.34
0.158
0.170
L
14.0
15.0
0.549
0.588
L1
1.342
1.542
0.053
0.060
S
0.45
0.55
0.018
0.022


Similar Part No. - APX9140DEE-PB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9141 ANPEC-APX9141 Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-PB ANPEC-APX9141AEE-PB Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-PBL ANPEC-APX9141AEE-PBL Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-TB ANPEC-APX9141AEE-TB Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-TBL ANPEC-APX9141AEE-TBL Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
More results

Similar Description - APX9140DEE-PB

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com