Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM120P10-10m1L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQM120P10-10m1L
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120P10-10m1L Datasheet(HTML) 1 Page - Vishay Siliconix

  SQM120P10-10m1L Datasheet HTML 1Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 2Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 3Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 4Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 5Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 6Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 7Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 8Page - Vishay Siliconix SQM120P10-10m1L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SQM40010EL
www.vishay.com
Vishay Siliconix
S15-2917-Rev. A, 14-Dec-15
1
Document Number: 69430
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
FEATURES
• TrenchFET® power MOSFET
• Package with low thermal resistance
• 100 % Rg and UIS tested
• AEC-Q101 qualified d
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
40
RDS(on) () at VGS = 10 V
0.0016
RDS(on) () at VGS = 4.5 V
0.0019
ID (A)
120
Configuration
Single
D
G
S
N-Channel MOSFET
TO-263
Top View
G
D
S
G
D
S
ORDERING INFORMATION
Package
TO-263
Lead (Pb)-free and Halogen-free
SQM40010EL-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current a
TC = 25 °C
ID
120
A
TC = 125 °C
120
Continuous Source Current (Diode Conduction) a
IS
120
Pulsed Drain Current b
IDM
300
Single Pulse Avalanche Current
L = 0.1 mH
IAS
80
Single Pulse Avalanche Energy
EAS
320
mJ
Maximum Power Dissipation b
TC = 25 °C
PD
375
W
TC = 125 °C
125
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount c
RthJA
40
°C/W
Junction-to-Case (Drain)
RthJC
0.4


Similar Part No. - SQM120P10-10m1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120P10-10m1L VISHAY-SQM120P10-10m1L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120P10-10m1L VISHAY-SQM120P10-10m1L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM120P10-10M1L VISHAY-SQM120P10-10M1L Datasheet
202Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM120P10-10M1L VISHAY-SQM120P10-10M1L Datasheet
201Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM120P10-10m1LGE3 VISHAY-SQM120P10-10m1LGE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQM120P10-10m1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com