Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOX465 Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX465
Description  HCMOS 32.768kHz SMD Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX465 Datasheet(HTML) 1 Page - Fox Electronics

  FOX465 Datasheet HTML 1Page - Fox Electronics FOX465 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discontinued
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• Tight Stability
• HCMOS Output
• Operable 1.5V ~ 6.0V
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FUncTiOn
(Pin 1)
OPEN 2
'1' Level Vih
≥ 90% Vdd
'0' Level Vil
≤ 10% Vdd
Frequency
Stability
See below
Operating
Temperature (ºC)
-40 ~ +85
Frequency
(kHz)
32.768
FOX465
Model
Number
Part Number
755-Frequency-xxxxx
• PART nUMbER SElEcTiOn Learn More - Internet Required
1 Usable at 1.5 ~ 6.0V.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between Vdd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
The above specifications, having been carefully prepared and checked, is believed to be accurate
at the time of publication; however, no responsibility is assumed by Fox Electronics for inaccura-
cies. All specifications subject to change without notice.
32.768 kHz
-40ºC ~ +85ºC
-40ºC ~ +85ºC
+30 ~ 0 PPM
+30 ~ -60 PPM
+30 ~ -150 PPM
3.3V ± 10%
5 µA
45% ~ 55%
80nS
80nS
10% Vdd
90% Vdd Min
15pF
500mS
PARAMETERS
Frequency Range
(Fo)
Temperature Range
Operating (Topr)
Storage (Tstg)
Frequency Tolerance @ 25ºC
Frequency Stability
-10ºC ~ +60ºC
-40ºC ~ +85ºC
Supply Voltage
(Vdd)1
Input Current
(Idd) (no load)
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage
(Vol)
(Voh)
Output Load
(HCMOS)
Start-up Time
(Ts)
• ElEcTRicAl cHARAcTERiSTicS
MAX (unless otherwise noted)
HcMOS 32.768kHz SMD crystal Oscillator
Rev. 3/7/2005 Preliminary
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FOX465
All dimensions are in millimeters.
TERMINATIONS: Ni/Au
Page 1 of 2


Similar Part No. - FOX465

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FOX480-20 ETC1-FOX480-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FOX480F-20 ETC1-FOX480F-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
More results

Similar Description - FOX465

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
F254 FOX-F254 Datasheet
198Kb / 2P
   HCMOS 32.768kHz 4x2.5mm SMD Oscillator
logo
Abracon Corporation
ASFLK ABRACON-ASFLK_08 Datasheet
153Kb / 2P
   32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
   32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
ASHK ABRACON-ASHK Datasheet
175Kb / 2P
   32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com