Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2010JK-070R025L Datasheet(PDF) 4 Page - YAGEO Corporation

Part # PT2010JK-070R025L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT2010JK-070R025L Datasheet(HTML) 4 Page - YAGEO Corporation

  PT2010JK-070R025L Datasheet HTML 1Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 2Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 3Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 4Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 5Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 6Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 7Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 8Page - YAGEO Corporation PT2010JK-070R025L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
4
9
SERIES
PT
0402/0603/0805/1206/2010/2512
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
PT0402
1.00 ± 0.10
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.10
0.25 ± 0.10
PT0603
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.25 ± 0.15
0.25 ± 0.15
PT0805
2.00 ± 0.10
1.25 ± 0.10
0.55 ± 0.10
0.35 ± 0.20
0.35 ± 0.20
PT1206
3.10 ± 0.10
1.60 ± 0.10
0.55 ± 0.10
0.45 ± 0.20
0.45 ± 0.20
PT1206(Note)
3.10 ± 0.10
1.60 ± 0.10
0.55 ± 0.10
0.75 ± 0.20
0.45 ± 0.20
PT2010
5.00 ± 0.10
2.50 ± 0.15
0.55 ± 0.10
0.60 ± 0.20
0.50 ± 0.20
PT2512
6.35 ± 0.10
3.20 ± 0.15
0.55 ± 0.10
0.60 ± 0.20
0.50 ± 0.20
Note: For resistance range: 75mΩ ≦ R < 91mΩ
Table 1
DIMENSIONS
For dimensions, please refer to Table 1
Fig. 6 Chip resistor dimensions


Similar Part No. - PT2010JK-070R025L

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PT20100D PFC-PT20100D Datasheet
651Kb / 6P
   20A 100V HPTR짰 Schottky Rectifier
PT20100E PFC-PT20100E Datasheet
651Kb / 6P
   20A 100V HPTR짰 Schottky Rectifier
logo
Infineon Technologies A...
PT2010FK-070R25L INFINEON-PT2010FK-070R25L Datasheet
1Mb / 28P
   iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
More results

Similar Description - PT2010JK-070R025L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com