Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT0402JK-070R025L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # PT0402JK-070R025L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT0402JK-070R025L Datasheet(HTML) 2 Page - YAGEO Corporation

  PT0402JK-070R025L Datasheet HTML 1Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 2Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 3Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 4Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 5Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 6Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 7Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 8Page - YAGEO Corporation PT0402JK-070R025L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
2
9
SERIES
PT
0402/0603/0805/1206/2010/2512
ORDERING INFORMATION - GLOBAL PART NUMBER
Part numbers is identified by the series, size, tolerance, packing type,
temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes PT
series current sensor - low TCR and
high power with lead-free
terminations made by thick film
process.
APPLICATIONS
Converters
Printer equipment
Server board
Telecom
Consumer electronics
Car electronics
FEATURES
AEC-Q200 qualified
Halogen Free Epoxy
RoHS compliant
Reduce environmentally
High component and equipment
reliability
Non-forbidden material used in
products/production
Low resistances applied to
current sensing
Moisture sensitivity level: MSL 1
ORDERING EXAMPLE
The ordering code of a PT0603 chip
resistor, 1/5W, value 0.56
with ±1%
tolerance, supplied in 7-inch tape reel is:
PT0603FR-7W0R56L.
NOTE
1. All our Rchip products meet RoHS
compliant. "LFP" of the internal 2D
reel label mentions "Lead Free
Process"
2. On customized label, "LFP" or specific
symbol printed and the optional "L" at
the end of GLOBAL PART NUMBER
/ 12NC can be added (both are on
customer request)
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
(25 to 910 mΩ)
0R025 = 25 mΩ
0R1 = 100 mΩ
0R91 = 910 mΩ
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
PT XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0402 / 0603 / 0805 / 1206 / 2010 / 2512
(2) TOLERANCE
F = ± 1%
G = ± 2%
J = ± 5%
“-“= jumper ordering
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Based on spec.
(5) TAPING REEL
07 = 7 inch dia. Reel and standard power
13 = 13 inch dia. Reel and standard power
7W = 7 inch dia. reel and 2 x standard power
3W = 13 inch dia. reel and 2 x standard power
(6) RESISTANCE VALUE
There are 3~5 digits indicated the resistor value. Letter R is decimal point.
Detailed coding rules of resistance are shown in the table of “Resistance rule of global
part number”.
(7) DEFAULT CODE
Letter L is system default code for order only (Note)


Similar Part No. - PT0402JK-070R025L

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
More results

Similar Description - PT0402JK-070R025L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com