Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT1206GK-070R025L Datasheet(PDF) 6 Page - YAGEO Corporation

Part # PT1206GK-070R025L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT1206GK-070R025L Datasheet(HTML) 6 Page - YAGEO Corporation

  PT1206GK-070R025L Datasheet HTML 1Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 2Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 3Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 4Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 5Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 6Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 7Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 8Page - YAGEO Corporation PT1206GK-070R025L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
6
9
SERIES
PT
0402/0603/0805/1206/2010/2512
PACKING STYLE AND PACKAGING QUANTITY
PACKING STYLE
REEL
DIMENSION
PT0402
PT0603
PT0805
PT1206
PT2010
PT2512
Paper taping reel (R)
7" (178 mm)
10,000
5,000
5,000
5,000
---
---
13" (330 mm)
50,000
20,000
20,000
20,000
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
---
4,000
4,000
NOTE
1. For paper/embossed tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
Fig. 7 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
Range: –55 °C to +155 °C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
PT0402=1/16W, 1/8W
PT0603=1/10W, 1/5W, 1/3W
PT0805=1/8W, 1/4W
PT1206=1/4W, 1/2W
PT2010=3/4W, 1W
PT2512=1W, 2W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V = √(P X R)
Where
V = Continuous rated DC or AC (rms) working
voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
FOOTPRINT AND SOLDERING PROFILES
Recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”.


Similar Part No. - PT1206GK-070R025L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PT12064ARN-0 POWERTIP-PT12064ARN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARN-F POWERTIP-PT12064ARN-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARS-0 POWERTIP-PT12064ARS-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064ARS-F POWERTIP-PT12064ARS-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT12064AZN-0 POWERTIP-PT12064AZN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PT1206GK-070R025L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com