Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT0805GK-070R025L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # PT0805GK-070R025L
Description  CURRENT SENSOR - LOW TCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PT0805GK-070R025L Datasheet(HTML) 9 Page - YAGEO Corporation

  PT0805GK-070R025L Datasheet HTML 1Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 2Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 3Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 4Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 5Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 6Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 7Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 8Page - YAGEO Corporation PT0805GK-070R025L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 30, 2015 V.1
Product specification
9
9
SERIES
PT
0402/0603/0805/1206/2010/2512
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 1
Jul. 02, 2015
-
- Extend resistor value
Version 0
Aug. 21, 2014
-
- New datasheet for current sensor - low TCR PT series sizes of
0402/0603/0805/1206/2010/2512, 1%, 2%, 5% with lead-free
termination


Similar Part No. - PT0805GK-070R025L

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PT0801ARN-0 POWERTIP-PT0801ARN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801ARN-F POWERTIP-PT0801ARN-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801ARS-0 POWERTIP-PT0801ARS-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801ARS-F POWERTIP-PT0801ARS-F Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PT0801AZN-0 POWERTIP-PT0801AZN-0 Datasheet
1Mb / 65P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PT0805GK-070R025L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE0201DRE070R001L YAGEO-PE0201DRE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com