Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJA02EP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQJA02EP
Description  Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJA02EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJA02EP Datasheet HTML 1Page - Vishay Siliconix SQJA02EP Datasheet HTML 2Page - Vishay Siliconix SQJA02EP Datasheet HTML 3Page - Vishay Siliconix SQJA02EP Datasheet HTML 4Page - Vishay Siliconix SQJA02EP Datasheet HTML 5Page - Vishay Siliconix SQJA02EP Datasheet HTML 6Page - Vishay Siliconix SQJA02EP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SQJA02EP
www.vishay.com
Vishay Siliconix
S16-1946-Rev. A, 26-Sep-16
2
Document Number: 75108
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.5
3.0
3.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
-
-
1
μA
VGS = 0 V
VDS = 60 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 60 V, TJ = 175 °C
-
-
250
On-State Drain Current a
ID(on)
VGS = 10 V
VDS  5 V
30
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 10 A
-
0.0040
0.0048
VGS = 10 V
ID = 10 A, TJ = 125 °C
-
-
0.0074
VGS = 10 V
ID = 10 A, TJ = 175 °C
-
-
0.0090
Forward Transconductance b
gfs
VDS = 15 V, ID = 10 A
-
63
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
3550
4700
pF
Output Capacitance
Coss
-
1400
1900
Reverse Transfer Capacitance
Crss
-50
75
Total Gate Charge c
Qg
VGS = 10 V
VDS = 30 V, ID = 5 A
-51
80
nC
Gate-Source Charge c
Qgs
-16
-
Gate-Drain Charge c
Qgd
-7
-
Gate Resistance
Rg
f = 1 MHz
0.2
0.41
0.65
Turn-On Delay Time c
td(on)
VDD = 30 V, RL = 6 
ID  5 A, VGEN = 10 V, Rg = 1 
-19
35
ns
Rise Time c
tr
-5
10
Turn-Off Delay Time c
td(off)
-30
50
Fall Time c
tf
-13
25
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
120
A
Forward Voltage
VSD
IF = 10 A, VGS = 0
-
0.8
1.2
V
Body diode reverse recovery time
trr
IF = 10 A, di/dt = 100 A/μs
-
64
130
ns
Body diode reverse recovery charge
Qrr
-
106
220
nC
Reverse recovery fall time
ta
-35
-
ns
Reverse recovery rise time
tb
-33
-
Body diode peak reverse recovery current
IRM(REC)
--3.2
-7
A


Similar Part No. - SQJA02EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA02EP VISHAY-SQJA02EP Datasheet
245Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJA02EP VISHAY-SQJA02EP Datasheet
244Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA02EP VISHAY-SQJA02EP_V01 Datasheet
245Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJA02EP VISHAY-SQJA02EP_V02 Datasheet
244Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJA02EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQP60N06-15 VISHAY-SQP60N06-15 Datasheet
135Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com