Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE0402FKF070R1L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # PE0402FKF070R1L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE0402FKF070R1L Datasheet(HTML) 2 Page - YAGEO Corporation

  PE0402FKF070R1L Datasheet HTML 1Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 2Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 3Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 4Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 5Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 6Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 7Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 8Page - YAGEO Corporation PE0402FKF070R1L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
2
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
SCOPE
This specification describes PE
series current sensor - low TCR
with lead-free terminations made by
metal foil with ceramic substrate.
APPLICATIONS
Consumer goods
Computer
Telecom / Datacom
Industrial / Power supply
Automotive
Alternative Energy
FEATURES
AEC-Q200 qualified
Halogen-free Epoxy
RoHS compliant
-
Products with lead-free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reduce environmentally
hazardous wastes
High component and
equipment reliability
None forbidden-materials used
in products/production
Low resistances applied to
current sensing
GLOBAL PART NUMBER
PE XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0201/ 0402/ 0603/ 0805/ 1206/ 2010/ 2512
(2) TOLERANCE
D = ± 0.5% (>10mΩ) F = ± 1%
J = ± 5%
(3) PACKAGING TYPE
R = Paper/ PE taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
E = ± 50 ppm/°C
M = ± 75 ppm/°C
F = ± 100 ppm/°C
J = ± 350 ppm/°C
(5) TAPING REEL
07 / 7W / 7T / 47 / 57= 7 inch dia. Reel and specific rated power.
Detailed power rating are shown in the Table 2.
(6) RESISTANCE VALUE
5 mΩ to 910 mΩ
There are 3~5 digits indicated the resistance value. Letter R is decimal point.
Detailed coding rules of resistance are shown in the table of “Resistance rule of
global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)
ORDERING EXAMPLE
The ordering code of a PE2512
1W chip resistor, value 0.006
with ±1% tolerance, supplied in 7-
inch tape reel is:
PE2512FKM070R006L
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
(1 to 910 mΩ)
0R001 = 1 mΩ
0R1 = 100 mΩ
0R91 = 910 mΩ
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions
"Lead-Free Process"
ORDERING INFORMATION - GLOBAL PART NUMBER
Global part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.


Similar Part No. - PE0402FKF070R1L

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
PE0401 CMLMICRO-PE0401 Datasheet
116Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - PE0402FKF070R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com