Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F315 Datasheet(PDF) 2 Page - Fox Electronics

Part # F315
Description  HCMOS 3.2x2.5mm 1.8V SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F315 Datasheet(HTML) 2 Page - Fox Electronics

  F315 Datasheet HTML 1Page - Fox Electronics F315 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
HcMoS 3.2x2.5mm 1.8V SMD oscillator
Rev. 5/2/2013
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F310 Series
HcMoS 3.2x2.5mm 1.8V SMD oscillator
Rev. 5/2/2013
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F310 Series
Page 1 of 2
• TAPE SPEciFicATionS (millimeters)
MoDEl
F310 Series
A
1.5
b
4.0
c
4.0
D
3.5
E
8.0
F
1.4
STD Reel QTY
2,000
• REEl SPEciFicATionS (millimeters)
G
2.0
H
13
i
21
J
60
K
180
l
9.0
M
1.2
MoDEl
F310 Series


Similar Part No. - F315

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F315 FOX-F315 Datasheet
206Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F315 FOX-F315 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results

Similar Description - F315

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
206Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
   HCMOS 3.2x2.5mm SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
   HCMOS 3.2x2.5mm SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330A FOX-F330A Datasheet
235Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
   HCMOS 3.2x2.5mm 2.5V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com