Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4102R Datasheet(PDF) 2 Page - Fox Electronics

Part # F4102R
Description  5.0V, HCMOS SMD Oscillator with Standby
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F4102R Datasheet(HTML) 2 Page - Fox Electronics

  F4102R Datasheet HTML 1Page - Fox Electronics F4102R Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
5.0V, HcMOS SMD Oscillator with Standby
Rev. 1/23/2009
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F4101 SERiES
Page 2 of 2
• TAPE SPEciFicATiOnS (millimeters)
MODEl
F4101 Series
A
∅1.5
b
4.0
c
8.0
D
7.5
E
16.0
F
2.15
STD Reel QTY
2,000
• REEl SPEciFicATiOnS (millimeters)
G
2.0
H
∅13
i
∅21
J
∅80
K
∅255
l
17.5
M
2.0
MODEl
F4101Series


Similar Part No. - F4102R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4102R FOX-F4102R Datasheet
114Kb / 1P
   5.0V HCMOS SMD OSCILLATOR WITH STANDBY
More results

Similar Description - F4102R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4101 FOX-F4101 Datasheet
114Kb / 1P
   5.0V HCMOS SMD OSCILLATOR WITH STANDBY
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
   5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F3345-250 FOX-F3345-250 Datasheet
408Kb / 3P
   5.0V, HCMOS, SMD Oscillator
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
F550L FOX-F550L Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
logo
List of Unclassifed Man...
F530L ETC2-F530L Datasheet
89Kb / 1P
   3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
logo
Fox Electronics
F4200 FOX-F4200 Datasheet
87Kb / 1P
   3.3V HCMOS CERAMIC SMD OSCILLATOR WITH STANDBY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com