Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


AND8079 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. AND8079
Description  A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 5 page
background image
AND8079/D
http://onsemi.com
5
Schottky Diode for Synchronous MOSFET
The efficiency of the buck converter can be improved
slightly by placing a Schottky diode (D1) in parallel with the
bottom MOSFET (Q3). The body diode of Q3 is used to
conduct current during the non-overlap time when both the
top (Q2) and bottom (Q3) MOSFETs are turned OFF. But
because the non-overlap time is only approximately 50 ns
for the NCP1571’s 200 kHz switching speed, the efficiency
savings
will
be
only
approximately
1.0%.
The
demonstration board included a provision for D1; however,
the performance of the circuit was not testing with this
diode.
Experimental Results
The experimental results of the demonstration PCB are
shown in Figures 4 through 20. Figure 3 shows the test setup
used to create the current load transients for the Vtt supply
voltage. The transient current load tests for the Vdd and Vtt
supply voltages were created using a Kikusui Electronic
Load Controller. Unless noted, the standard test conditions
are as listed below:
1. Ambient Temperature = 23
_C
2. Vdd Current Load (IVdd) = 8.0 A
3. Vtt Current Load (IVtt) = 1.25 A source load
4. VREF Current Load (IREF) = 2.5 mA
5. 5.0 V Input Voltage = 5.00 V
6. 12 V Input Voltage = 12.00 V
7. -12 V Input Voltage = -12.00 V
Figure 3. Vtt Transient Load Test Setup for a 2.0 A Sink to 2.0 A Source Test
2.5 V
Vdd
R7
OUT
-
+
-
-
+
Q4
U2A
VREF
Q5
C22
+
C23
+
Vtt
Vtt DDR Circuit
2.0 A
DC Current Source
Pulsating Current Source
Pulse Width = 100 ms
Period = 200 ms
l1 = 0 A
l2 = 4.0 A
Rise Time = 50
ms
Fall Time = 50
ms
Vtt Circuit
DC Current Source
Pulsating Current Source
0 A
2 .0 A
2.0 A
Vtt
2.0 A Current Sink Test
Vtt Circuit
DC Current Source
Pulsating Current Source
4 A
Vtt
2.0 A Current Source Test
2 .0 A
2.0 A
+




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT9232PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT 1 2 3 4 5 MoreRichtek Technology Corporation
FX5545G108The Smallest and Low Profile 0.9V to 4.5V 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter 1 2 3 4 5 MoreVishay Siliconix
RT9221PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TB7001FLFor high current and low voltage applications Synchronous buck converter module 1 2 3 4 5 MoreToshiba Semiconductor
TPS51116COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER 3-A LDO BUFFERED REFERENCE 1 2 3 4 5 MoreTexas Instruments
RT9222PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
2SC2879TRANSISTOR 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS LOW SUPPLY VOLTAGE USE 1 2 Toshiba Semiconductor
LDO513IP Library: Power Supply Range 2.9V to 13V Low Power 50mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl