Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AND8079 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. AND8079
Description  A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8079 Datasheet(HTML) 3 Page - ON Semiconductor

  AND8079 Datasheet HTML 1Page - ON Semiconductor AND8079 Datasheet HTML 2Page - ON Semiconductor AND8079 Datasheet HTML 3Page - ON Semiconductor AND8079 Datasheet HTML 4Page - ON Semiconductor AND8079 Datasheet HTML 5Page - ON Semiconductor AND8079 Datasheet HTML 6Page - ON Semiconductor AND8079 Datasheet HTML 7Page - ON Semiconductor AND8079 Datasheet HTML 8Page - ON Semiconductor AND8079 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Q1
MTB1306
D2 PAK
TP5
TP6
TP7
TP8
TP9
TP10
5 V_Input
GND_Input
12 V_Input
V_Logic
V_5P0_STBV
-12 V_Input
R1
10
C12
0.1
mF
VTT (+1.25V, 2A)
VREF (+1.25V, 2mA)
VDDQ (+2.5V, 8A)
Q2
MTB1306
D2 PAK
NCP1571
SO-8
L1
1
mH
Q5
MTD20P03HDL
DPAK
C16
C17
VCC
GATE(H)
8
7
6
5
1
2
3
4
C1
1800
mF
10V
C2
1800
mF
10V
C4
0.1
mF
C5
1800
mF
10V
Prov.
C7
1800
mF
6.3V
Prov.
C8
1800
mF
6.3V
C9
0.1
mF
C11
1800
mF
6.3V
D1
MBRM110LT
PowerMite Prov.
C15
1
mF
OUT
OUT
Q4
NTD4302
D2 PAK
TP1
TP2
TP3
TP4
Tol. = 1.0%
Tol. = 1.0%
U2A
LM358
Micro8
ON OFF
VOUT
C24
1
mF
C20
1800
mF
6.3V
Prov.
R7
1k
R5
10K
C21
1800
mF
6.3V
Prov.
R6
10K
C22
0.1
mF
C23
1800
mF
6.3V
C18
0.15
mF
R9
100
R8
200
C19
1.25V_Ref
GND_Output
1.25V_Vtt
6
5
7
R3
20k
R4
13k
L2
2.2
mH
Tol = 1.0%
To = 1.0%
Q3
MTB1306
D2PAK
C6
100pF
2.5V
0.1
mF
0.1
mF
2
3
4
V-
V+
8
R2
47k
C13
0.01
mF
C14
0.1
mF
MC33375ST-2.5T3
SOT-223
1
2
3
4
U2B
LM358
C3
1800
mF
10V
GATE(L)
Vfb
GND
PWRGD
PGDELAY
COMP
C10
1800
mF
6.3V
GND
VIN
Figure 2. DDR Memory Reference Design
2
mF
Note: The provisional components were not used in the verification of the reference design.
U1
U3 Prov.
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT9232PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT 1 2 3 4 5 MoreRichtek Technology Corporation
FX5545G108The Smallest and Low Profile 0.9V to 4.5V 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter 1 2 3 4 5 MoreVishay Siliconix
RT9221PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TB7001FLFor high current and low voltage applications Synchronous buck converter module 1 2 3 4 5 MoreToshiba Semiconductor
TPS51116COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER 3-A LDO BUFFERED REFERENCE 1 2 3 4 5 MoreTexas Instruments
RT9222PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
2SC2879TRANSISTOR 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS LOW SUPPLY VOLTAGE USE 1 2 Toshiba Semiconductor
LDO513IP Library: Power Supply Range 2.9V to 13V Low Power 50mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn