Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6655 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6655
Description  Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6655 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6655 Datasheet HTML 1Page - National Semiconductor (TI) LMH6655 Datasheet HTML 2Page - National Semiconductor (TI) LMH6655 Datasheet HTML 3Page - National Semiconductor (TI) LMH6655 Datasheet HTML 4Page - National Semiconductor (TI) LMH6655 Datasheet HTML 5Page - National Semiconductor (TI) LMH6655 Datasheet HTML 6Page - National Semiconductor (TI) LMH6655 Datasheet HTML 7Page - National Semiconductor (TI) LMH6655 Datasheet HTML 8Page - National Semiconductor (TI) LMH6655 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2kV
Machine Model
200V
V
IN Differential
±1.2V
Output Short Circuit Duration
(Note 3)
Supply Voltage (V
+ −V)
13.2V
Voltage at Input pins
V
+ +0.5V, V−0.5V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ -V)
±2.5V to ±6.0V
Junction Temperature Range
−40˚C to +85˚C
Thermal Resistance (
θ
JA)
8-Pin SOIC
172˚C/W
8-Pin MSOP
235˚C/W
5-Pin SOT-23
265˚C/W
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V= −5V, V
CM = 0V, AV = +1, RF =25Ω for gain =
+1, R
F = 402Ω for gain = ≥ +2, and RL = 100Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Dynamic Performance
f
CL
Close Loop Bandwidth
A
V = +1
250
MHz
A
V = +2
130
A
V =+5
52
A
V = +10
26
GBWP
Gain Bandwidth Product
A
V ≥ +5
260
MHz
Bandwidth for 0.1dB Flatness
A
V +1
18
MHz
φm
Phase Margin
50
deg
SR
Slew Rate (Note 8)
A
V = +1, VIN =2VPP
200
V/µs
T
S
Settling Time
0.01%
A
V = +1, 2V Step
25
ns
0.1%
15
ns
t
r
Rise Time
A
V = +1, 0.2V Step
1.4
ns
t
f
Fall Time
A
V = +1, 0.2V Step
1.2
ns
Distortion and Noise Response
e
n
Input Referred Voltage Noise
f
≥ 0.1 MHz
4.5
nV/
i
n
Input-Referred Current Noise
f
≥ 0.1 MHz
1.7
pA/
Second Harmonic Distortion
A
V = +1, f = 5MHz
−80
dBc
Third Harmonic Distortion
V
O =2VPP,RL = 100Ω
−85
X
t
Crosstalk (for LMH6655 only)
Input Referred, 5MHz,
Channel-to-Channel
−80
dB
DG
Differential Gain
A
V = +2, NTSC, RL = 150Ω
0.01
%
DP
Differential Phase
A
V = +2, NTSC, RL = 150Ω
0.025
deg
Input Characteristics
V
OS
Input Offset Voltage
V
CM =0V
−3
−4
±13
4
mV
TC V
OS
Input Offset Average Drift
V
CM = 0V (Note 7)
6
µV/˚C
I
B
Input Bias Current
V
CM =0V
5
12
18
µA
I
OS
Input Offset Current
V
CM =0V
−1
−2
0.3
1
2
µA
R
IN
Input Resistance
Common- Mode
4
M
Differential Mode
20
k
www.national.com
2


Similar Part No. - LMH6655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6655MA TI1-LMH6655MA Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MA/NOPB TI1-LMH6655MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MAX/NOPB TI1-LMH6655MAX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MM/NOPB TI1-LMH6655MM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MMX/NOPB TI1-LMH6655MMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
More results

Similar Description - LMH6655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6654 TI1-LMH6654 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMV721 TI-LMV721 Datasheet
684Kb / 21P
[Old version datasheet]   10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com