Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE0402DKM070R1L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # PE0402DKM070R1L
Description  CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PE0402DKM070R1L Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button PE0402DKM070R1L Datasheet HTML 4Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 5Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 6Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 7Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 8Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 9Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 10Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 11Page - YAGEO Corporation PE0402DKM070R1L Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
-
Chip Resistor Surface Mount
www.yageo.com
Nov. 28, 2016 V.5
Product specification
9
12
SERIES
PE_L
0201 /0402/ 0603/ 0805/ 1206/ 2010/ 2512
FOOTPRINT AND SOLDERING PROFILES
For recommended soldering profiles, please refer to data sheet “Chip resistors mounting”.
Fig. 11 Single resistor chips recommended dimensions of footprints
FOOTPRINT
SIZE
RESISTANCE RANGE
Unit: mm
A
B
C
D
PE0201
50 mΩ ≦ R ≦ 200 mΩ
1 . 0 0
0 . 3 0
0 . 3 5
0 . 4 0
PE0402
10 mΩ ≦ R ≦ 910 mΩ
1 . 4 5
0 . 3 5
0 . 5 5
0 . 5 5
PE0603
5 mΩ , 10 mΩ , 15 mΩ , 20mΩ≦ R ≦ 910 mΩ
2 . 5 2
0. 50
1 . 0 1
1 . 0 1
PE0805
5 mΩ , 10 mΩ , 15 mΩ , 20mΩ≦ R ≦ 910 mΩ
2 . 5 4
0 . 5 0
1 . 0 2
1 . 2 7
PE1206
5 mΩ ≦ R ≦ 910 mΩ
3 . 9 0
0 . 7 6
1 . 5 7
1 . 7 8
PE2010
5 mΩ ≦ R ≦ 6 mΩ
6 . 1 2
1 . 4 0
2 . 3 6
3 . 0 5
7 mΩ ≦ R ≦ 100 mΩ
6 . 1 0
3 . 3 0
1 . 4 0
3 . 0 5
PE2512
6 mΩ
7 . 4 0
3 . 1 8
2 . 1 1
3 . 6 8
7 mΩ ≦ R ≦ 100 mΩ
7 . 3 6
4 . 0 6
1 . 6 5
3 . 6 8
Table 7 Footprint dimensions


Similar Part No. - PE0402DKM070R1L

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
PE0401 CMLMICRO-PE0401 Datasheet
116Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - PE0402DKM070R1L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PA2512FKF070R001E YAGEO-PA2512FKF070R001E Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PA2512FKF070R001 YAGEO-PA2512FKF070R001 Datasheet
904Kb / 10P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
1563632 YAGEO-1563632 Datasheet
332Kb / 10P
   CURRENT SENSOR - LOW TCR
PT0402FR-070R025L YAGEO-PT0402FR-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
logo
Riedon Powertron
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
   Low TCR Current Sense Resistor
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com